Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8366 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 184 page
background image
Program Map
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
43
Preliminary
Note: Program RAM is NOT available on the 56F8166 device.
Table 4-4 Program Memory Map at Reset
Begin/End
Address
Mode 0 (MA = 0)
Mode 11 (MA = 1)
1. If Flash Security Mode is enabled, EXTBOOT Mode 1 cannot be used. See Security Features, Part 7.
Internal Boot
External Boot
Internal Boot
16-Bit External Address Bus
EMI_MODE = 02,3
16-Bit External Address Bus
2. This mode provides maximum compatibility with 56F80x parts while operating externally.
3. “EMI_MODE =0” when EMI_MODE pin is tied to ground at boot up.
EMI_MODE = 14
20-Bit External Address Bus
4. “EMI_MODE =1” when EMI_MODE pin is tied to VDD at boot up.
P:$1F FFFF
P:$10 0000
External Program Memory5
5. Not accessible in reset configuration, since the address is above P:$00 FFFF. The higher bit address/GPIO (and/or chip se-
lects) pins must be reconfigured before this external memory is accessible.
External Program Memory5
External Program Memory6
6. Not accessible in reset configuration, since the address is above P:$0F FFFF. The higher bit address/GPIO (and/or chip se-
lects) pins must be reconfigured before this external memory is accessible.
P:$0F FFFF
P:$05 0000
External Program Memory
COP Reset Address = 04 00027
Boot Location = 04 00007
7. Booting from this external address allows prototyping of the internal Boot Flash.
P:$04 FFFF
P:$04 F800
On-Chip Program RAM
4KB
P:$04 F7FF
P:$04 4000
Reserved
92KB
P:$04 3FFF
P:$04 0000
Boot Flash
32KB
COP Reset Address = 04 0002
Boot Location = 04 0000
Boot Flash
32KB
(Not Used for Boot in this Mode)
P:$03 FFFF
P:$02 0000
Internal Program Flash8
256KB
Internal Program Flash
256KB
P:$01 FFFF
P:$01 0000
Internal Program Flash8
256KB
8. Two independent program flash blocks allow one to be programmed/erased while executing from another. Each block must
have its own mass erase.
Internal Program Flash
128KB
P:$00 FFFF
P:$00 0000
External Program Memory
COP Reset Address = 00 0002
Boot Location = 00 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com