Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 184 page
background image
56F8367 Technical Data, Rev. 8
22
Freescale Semiconductor
Preliminary
GPIOB0
(A16)
33
L1
Schmitt
Input/
Output
Output
Input,
pull-up
enabled
Port B GPIO — These four GPIO pins can be programmed as
input or output pins.
Address Bus — A16 - A19 specify one of the address lines for
external program or data memory accesses.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), A16 - A19 and EMI control signals are tri-stated
when the external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead
of using the default setting.
After reset, the startup state of GPIOB0 - GPIOB3 (GPIO or
address) is determined as a function of EXTBOOT, EMI_MODE
and the Flash security setting. See Table 4-4 for further
information on when this pin is configured as an address pin at
reset. In all cases, this state may be changed by writing to
GPIOB_PER.
To deactivate the internal pull-up resistor, clear the appropriate
GPIO bit in the GPIOB_PUR register.
GPIOB1
(A17)
34
L3
GPIOB2
(A18)
35
L2
GPIOB3
(A19)
36
M1
GPIOB4
(A20)
(prescaler_
clock)
37
M2
Schmitt
Input/
Output
Output
Output
Input,
pull-up
enabled
Port B GPIO — These four GPIO pins can be programmed as
input or output pins.
Address Bus — A20 - A23 specify one of the address lines for
external program or data memory accesses.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), A20–A23 and EMI control signals are tri-stated when
the external bus is inactive.
Most designs will want to change the DRV state to DRV = 1 instead
of using the default setting.
Clock Outputs — can be used to monitor the prescaler_clock,
SYS_CLK, SYS_CLK2 or oscillator_clock on GPIOB4 through
GPIOB7, respectively.
After reset, the default state is GPIO.
These pins can also be used to extend the external address bus
to its full length or to view any of several system clocks. In these
cases, the GPIO_B_PER can be used to individually disable the
GPIO. The CLKOSR register in the SIM (see Part 6.5.7) can then
be used to choose between address and clock functions.
GPIOB5
(A21)
(SYS_CLK)
46
N4
GPIOB6
(A22)
(SYS_CLK2)
47
P3
GPIOB7
(A23)
(oscillator_
clock)
48
M4
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA (Continued)
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com