Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 184 page
background image
Data Map
56F8367 Technical Data, Rev. 8
Freescale Semiconductor
47
Preliminary
4.4 Data Map
Note: Data Flash is NOT available on the 56F8167 device.
4.5 Flash Memory Map
Figure 4-1 illustrates the Flash Memory (FM) map on the system bus.
The Flash Memory is divided into three functional blocks. The Program and boot memories reside on the
Program Memory buses. They are controlled by one set of banked registers. Data Memory Flash resides
on the Data Memory buses and is controlled separately by its own set of banked registers.
The top nine words of the Program Memory Flash are treated as special memory locations. The content of
these words is used to control the operation of the Flash Controller. Because these words are part of the
Flash Memory content, their state is maintained during power down and reset. During chip initialization,
the content of these memory locations is loaded into Flash Memory control registers, detailed in the Flash
Memory chapter of the 56F8300 Peripheral User Manual. These configuration parameters are located
between $03_FFF7 and $03_FFFF.
Table 4-6 Data Memory Map1
1. All addresses are 16-bit Word addresses, not byte addresses.
Begin/End
Address
EX = 02
2. In the Operating Mode Register (OMR).
EX = 1
X:$FF FFFF
X:$FF FF00
EOnCE
256 locations allocated
EOnCE
256 locations allocated
X:$FF FEFF
X:$01 0000
External Memory
External Memory
X:$00 FFFF
X:$00 F000
On-Chip Peripherals
4096 locations allocated
On-Chip Peripherals
4096 locations allocated
X:$00 EFFF
X:$00 8000
External Memory
External Memory
X:$00 7FFF
X:$00 4000
On-Chip Data Flash
32KB
X:$00 3FFF
X:$00 0000
On-Chip Data RAM
32KB3
3. The Data RAM is organized as an 8K x 32-bit memory to allow single-cycle, long-word operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com