Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 116Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 119Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 184 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 8
Freescale Semiconductor
119
Preliminary
The upper four bits of the GPIOB register can function as GPIO, [A23:20], or as additional clock output
signals. GPIO has priority and is enabled/disabled via the GPIOB_PER. If GPIOB[7:4] are programmed
to operate as peripheral outputs, then the choice between [A23:20] and additional clock outputs is done
here in the CLKOSR. The default state is for the peripheral function of GPIOB[7:4] to be programmed as
[A23:20]. This can be changed by altering [A23:20] as shown in Figure 6-9.
Figure 6-9 CLKO Select Register (SIM_CLKOSR)
6.5.7.1
Reserved—Bits 15–10
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.7.2
Alternate GPIOB Peripheral Function for A23 (A23)—Bit 9
•
0 = Peripheral output function of GPIOB7 is defined to be A23
•
1 = Peripheral output function of GPIOB7 is defined to be the oscillator_clock (MSTR_OSC in Figure 3-4)
6.5.7.3
Alternate GPIOB Peripheral Function for A22 (A22)—Bit 8
•
0 = Peripheral output function of GPIOB6 is defined to be A22
•
1 = Peripheral output function of GPIOB6 is defined to be SYS_CLK2
6.5.7.4
Alternate GPIOB Peripheral Function for A21 (A21)—Bit 7
•
0 = Peripheral output function of GPIOB5 is defined to be A21
•
1 = Peripheral output function of GPIOB5 is defined to be SYS_CLK
6.5.7.5
Alternate GPIOB Peripheral Function fpr A20 (A20)—Bit 6
•
0 = Peripheral output function of GPIOB4 is defined to be A20
•
1 = Peripheral output function of GPIOB4 is defined to be the prescaler_clock (FREF in Figure 3-4)
6.5.7.6
Clockout Disable (CLKDIS)—Bit 5
•
0 = CLKOUT output is enabled and will output the signal indicated by CLKOSEL
•
1 = CLKOUT is tri-stated
6.5.7.7
CLockout Select (CLKOSEL)—Bits 4–0
Selects clock to be muxed out on the CLKO pin.
•
00000 = SYS_CLK (from OCCS - DEFAULT)
•
00001 = Reserved for factory test—56800E clock
•
00010 = Reserved for factory test—XRAM clock
•
00011 = Reserved for factory test—PFLASH odd clock
Base + $A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
A23
A22
A21
A20
CLK
DIS
CLKOSEL
Write
RESET
0
0
0
0
0
0
0
0
001
0
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com