Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 146Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 147Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 148Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 149Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 150Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 151Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 152Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 184 page
background image
56F8367 Technical Data, Rev. 8
150
Freescale Semiconductor
Preliminary
Table 10-16 External Memory Interface Timing
Characteristic
Symbol
Wait States
Configuration
DM
Wait States
Controls
Unit
Address Valid to WR Asserted
tAWR
WWS=0
-2.076
0.50
WWSS
ns
WWS>0
-1.795
0.75 + DCAOE
WR Width Asserted to WR
Deasserted
tWR
WWS=0
-0.094
0.25 + DCAOE
WWS
ns
WWS>0
-0.012
0
Data Out Valid to WR Asserted
tDWR
WWS=0
-9.321
0.25 + DCAEO
WWSS
ns
WWS=0
-1.160
0.00
WWS>0
-8.631
0.50
WWS>0
-0.879
0.25 + DCAOE
Valid Data Out Hold Time after WR
Deasserted
tDOH
-2.086
0.25 + DCAEO
WWSH
ns
Valid Data Out Set-Up Time to WR
Deasserted
tDOS
-0.563
0.25 + DCAOE
WWS,WWSS
ns
-8.315
0.50
Valid Address after WR Deasserted
tWAC
-3.432
0.25 + DCAEO
WWSH
ns
RD Deasserted to Address Invalid
tRDA
-1.780
0.00
RWSH
ns
Address Valid to RD Deasserted
tARDD
-2.120
1.00
RWSS,RWS
ns
Valid Input Data Hold after RD
Deasserted
tDRD
0.00
N/A1
1. N/A since device captures data before it deasserts RD
—
ns
RD Assertion Width
tRD
0.279
1.00
RWS
ns
Address Valid to Input Data Valid
tAD
-15.723
1.00
RWSS,RWS
ns
-20.642 1.25 + DCAOE
Address Valid to RD Asserted
tARDA
-2.603
0.00
RWSS
ns
RD Asserted to Input Data Valid
tRDD
-13.120
1.00
RWSS,RWS
ns
-18.039 1.25 + DCAOE
WR Deasserted to RD Asserted
tWRRD
-2.135
0.25 + DCAEO
WWSH,RWSS
ns
RD Deasserted to RD Asserted
tRDRD
-0.4832
2. If RWSS = RWSH = 0, and the chip select does not change, then RD does not deassert during back-to-back reads.
0.00
RWSS,RWSH
MDAR3, 4
3. Substitute BMDAR for MDAR if there is no chip select
4. MDAR is active in this calculation only when the chip select changes.
ns
WR Deasserted to WR Asserted
tWRWR
WWS=0
-1.608
0.75 + DCAEO
WWSS, WWSH
ns
WWS>0
-0.918
1.00
RD Deasserted to WR Asserted
tRDWR
WWS=0
-0.096
0.50
RWSH, WWSS,
MDAR3
ns
WWS>0
0.084
0.75 + DCAOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com