Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 180 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 180 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 177Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 178Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 179Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 180Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 181Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 182Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 183Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 184Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 180 / 184 page
background image
56F8367 Technical Data, Rev. 8
180
Freescale Semiconductor
Preliminary
Part 13 Ordering Information
Table 13-1 lists the pertinent information needed to place an order. Consult a Freescale Semiconductor
sales office or authorized distributor to determine availability and to order parts.
*This package is RoHS compliant.
Table 13-1 Ordering Information
Part
Supply
Voltage
Package Type
Pin
Count
Frequency
(MHz)
Ambient
Temperature
Range
Order Number
MC56F8367
3.0–3.6 V
Low-Profile Quad Flat Pack (LQFP)
160
60
-40° to + 105° C
MC56F8367VPY60
MC56F8167
3.0–3.6 V
Low-Profile Quad Flat Pack (LQFP)
160
40
-40° to + 105° C
MC56F8167VPY
MC56F8367
3.0–3.6 V
Low-Profile Quad Flat Pack (LQFP)
160
60
-40° to + 105° C
MC56F8367VPYE*
MC56F8367
3.0–3.6 V
Low-Profile Quad Flat Pack (LQFP)
160
60
-40° to + 125° C
MC56F8367MPYE*
MC56F8167
3.0–3.6 V
Low-Profile Quad Flat Pack (LQFP)
160
40
-40° to + 105° C
MC56F8167VPYE*
MC56F8367
3.0–3.6 V
Mold Array Process Ball Grid Array
(MAPBGA)
160
60
-40° to + 105° C
MC56F8367VVF*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com