Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR31100ABC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PR31100ABC
Description  Highly integrated embedded processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31100ABC Datasheet(HTML) 2 Page - NXP Semiconductors

  PR31100ABC Datasheet HTML 1Page - NXP Semiconductors PR31100ABC Datasheet HTML 2Page - NXP Semiconductors PR31100ABC Datasheet HTML 3Page - NXP Semiconductors PR31100ABC Datasheet HTML 4Page - NXP Semiconductors PR31100ABC Datasheet HTML 5Page - NXP Semiconductors PR31100ABC Datasheet HTML 6Page - NXP Semiconductors PR31100ABC Datasheet HTML 7Page - NXP Semiconductors PR31100ABC Datasheet HTML 8Page - NXP Semiconductors PR31100ABC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31100
Highly integrated embedded processor
Version 1.2
2
1996 Aug 07
GENERAL DESCRIPTION
PR31100 Processor is a single-chip, low-cost, integrated embedded
processor consisting of MIPS R3000 core and system support logic
to interface with various types of devices.
PR31100 consists of a MIPS R3000 RISC CPU with 4 KBytes of
instruction cache memory and 1 KByte of data cache memory, plus
integrated functions for interfacing to numerous system components
and external I/O modules. The R3000 RISC CPU is also augmented
with a multiply/accumulate module to allow integrated DSP
functions, such as a software modem for high-performance standard
data and fax protocols. PR31100 also contains multiple DMA
channels and a high-performance and flexible Bus Interface Unit
(BIU) for providing an efficient means for transferring data between
external system memory, cache memory, the CPU core, and
external I/O modules. The types of external memory devices
supported include dynamic random access memory (DRAM),
synchronous dynamic random access memory (SDRAM), static
random access memory (SRAM), Flash memory, read-only memory
(ROM), and expansion cards (PCMCIA and/or MagicCard).
PR31100 also contains a System Interface Module (SIM) containing
integrated functions for interfacing to numerous external I/O
modules such as liquid crystal displays (LCDs), the UCB1100 (which
handles most of the analog functions of the system, including sound
and telecom codecs and touchscreen ADC), ISDN/high-speed
serial, infrared, wireless peripherals, Magicbus, etc. Lastly, PR31100
contains support for implementation of power management,
whereby various PR31100 internal modules and external
subsystems can be individually (under software control) powered up
and down.
Figure 1 shows an External Block Diagram of PR31100.
FEATURES
• 32-bit R3000 RISC static CMOS CPU
• 4 KByte instruction cache
• 1 KByte data cache
• Multiply/accumulator
• On-chip peripherals with individual power-down
– Multi-channel DMA controller
– Bus interface unit
– Memory controller for ROM, Flash, RAM, DRAM, SDRAM,
SRAM, and PCMCIA and/or MagicCard
– Power management module
– Video module
– Real-time clock 32.760KHz reference
– High-speed serial interface
– Infrared module
– Dual-UART
– SPI bus
• 3.3V supply voltage
• 208-pin LQFP (Low profile quad flat pack)
• 40MHz operation frequency
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE (
°C) AND PACKAGE
FREQUENCY
(MHz)
DRAWING NUMBER
PR31100ABC
0 to +70, 208-pin Low Profile Quad Flat Pack
40
LQFP208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com