Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR31100ABC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PR31100ABC
Description  Highly integrated embedded processor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31100ABC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PR31100ABC Datasheet HTML 18Page - NXP Semiconductors PR31100ABC Datasheet HTML 19Page - NXP Semiconductors PR31100ABC Datasheet HTML 20Page - NXP Semiconductors PR31100ABC Datasheet HTML 21Page - NXP Semiconductors PR31100ABC Datasheet HTML 22Page - NXP Semiconductors PR31100ABC Datasheet HTML 23Page - NXP Semiconductors PR31100ABC Datasheet HTML 24Page - NXP Semiconductors PR31100ABC Datasheet HTML 25Page - NXP Semiconductors PR31100ABC Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31100
Highly integrated embedded processor
1996 Aug 07
23
POWER
Tamb = 0 to +70°C, VDD = 3.3 ± 0.3V, External Capacitance = 40pF
ITEM
PARAMETER
RISING/FALLING
LIMITS
UNIT
ITEM
PARAMETER
RISING/FALLING
MIN
MAX
UNIT
1
VSTANDBY to /PON Rising
–
50
–
ns
2
VSTANDBY to ONBUTN delay time
–
2
–
s
POWER TIMING DIAGRAM
VSTANDBY
ONBUTN
/PON
1
2
Figure 18.
CPU RESET
Tamb = 0 to +70°C, VDD = 3.3 ± 0.3V, External Capacitance = 40pF
ITEM
PARAMETER
RISING/FALLING
LIMITS
UNIT
ITEM
PARAMETER
RISING/FALLING
MIN
MAX
UNIT
1
/CPURES low time
–
10
–
ns
/CPURES
1
Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com