Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB2-FSW/FKW/FSW-45 Datasheet(PDF) 1 Page - Turck, Inc.

Part # VB2-FSW/FKW/FSW-45
Description  PROFIBUS-DP Splitter – 2 Branch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

VB2-FSW/FKW/FSW-45 Datasheet(HTML) 1 Page - Turck, Inc.

  VB2-FSW/FKW/FSW-45 Datasheet HTML 1Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|1
VB2-FSW/FKW/FSW 45
PROFIBUS-DP Splitter – 2 Branch
Technical data
Type
VB2-FSW/FKW/FSW 45
ID
U0095-2
Distributed I/O
Splitter, 2 -port
Connector B
M12 × 1
Fieldbus
PROFIBUS-DP
Electrical properties at +20 °C
 
Rated voltage
250 V
Mechanical and chemical properties  
Note
 
- We reserve the right to make technical
alterations without prior notice.
Features
■M12 eurofast


Similar Part No. - VB2-FSW/FKW/FSW-45

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
VB2-FKM-FKM-FSM57 TURCK-VB2-FKM-FKM-FSM57 Datasheet
215Kb / 2P
Accessories for Fieldbus Systems
2017-09-15
More results

Similar Description - VB2-FSW/FKW/FSW-45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VW3A3607 ETC2-VW3A3607 Datasheet
97Kb / 1P
Profibus DP communication card
logo
Pepperl+Fuchs Inc.
FB8206H0630 PF-FB8206H0630 Datasheet
544Kb / 3P
EasyCom Com Unit for PROFIBUS DP/DP-V1
FB8209H0908 PF-FB8209H0908 Datasheet
638Kb / 3P
Unicom Com Unit for PROFIBUS DP/DP-V1
FB8209H0908.3 PF-FB8209H0908.3 Datasheet
804Kb / 3P
Unicom Com Unit for PROFIBUS DP/DP-V1
LB8106H0630 PF-LB8106H0630 Datasheet
603Kb / 4P
EasyCom Com Unit for PROFIBUS DP/DP-V1
2020-04-30
LB8109H0908 PF-LB8109H0908 Datasheet
583Kb / 4P
Unicom Com Unit for PROFIBUS DP/DP-V1
2020-05-06
logo
Schneider Electric
TSXPBSCA100 SCHNEIDER-TSXPBSCA100 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 100 m
May 10, 2022
TSXPBSCA400 SCHNEIDER-TSXPBSCA400 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 400 m
May 10, 2022
logo
Lapp.
10390400 LAPP-10390400 Datasheet
124Kb / 2P
EPIC® MCS 2 SS / MCS 2 BS PROFIBUS DP
17.09.2018
logo
Murrelektronik GmbH
56960 MURR-56960 Datasheet
167Kb / 2P
MPR67 REPEATER PROFIBUS DP 2 SEGMENTS
04/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com