Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2-28811 Datasheet(PDF) 1 Page - Turck, Inc.

Part # U2-28811
Description  Junction Box - Actuator/Sensor, 8-port – M8 snap, 3 pole I/O port with M12 homerun
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

U2-28811 Datasheet(HTML) 1 Page - Turck, Inc.

  U2-28811 Datasheet HTML 1Page - Turck, Inc. U2-28811 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
TB-8M8Z-3-FS12
Junction Box - Actuator/Sensor, 8-port – M8 snap, 3 pole I/O
port with M12 homerun
Technical data
Type
TB-8M8Z-3-FS12
ID
U2-28811
Distributed I/O
Junction box, 8, with M12 homerun
connector
Housing
Plastic, PA 6 GF30, Black
I/O Port
Female, Ø 8 mm
Design specification
Acc. to IEC 61076-2-104
Number of contacts
3
Contacts
Brass, CuZn, Gold-plated
Contact carriers
Plastic, PA 6 GF15, Black
Connector seal
O-ring, Plastic, FKM/FPM
Mechanical life
> 100 Mating cycles
Pollution degree
3
Protection class (When coupled)
IP67
Homerun connector
Male, M12 × 1, Top exit, A-coded
Design specification
Acc. to IEC 61076-2-101
Number of contacts
12
Contacts
Brass, CuZn, Gold-plated
Contact carriers
Plastic, PA 4.6, Black
Tightening torque
0.8 … 1 Nm
(note max. torque of mating connector!)
Mechanical life
> 100 Mating cycles
Pollution degree
3
Features
■Housing material: PA 6 GF30
■Housing color: Black
■Fully encapsulated
■Protection class: IEC: IP67; NEMA: 1, 3, 4,
6P
■CE compliant
■RoHS compliant
■I/O port: 3-pin
Contact assignment
I/O Connector
Homerun connector


Similar Part No. - U2-28811

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
U2-28810 TURCK-U2-28810 Datasheet
965Kb / 3P
Junction Box - Actuator/Sensor, 8-port – M8, 3 pole I/O port with M12 homerun
09/20/2022
U2-28812 TURCK-U2-28812 Datasheet
927Kb / 3P
Junction Box - Actuator/Sensor, 4-port – M8 x 1 I/O port with M12 homerun
10/24/2022
U2-28813 TURCK-U2-28813 Datasheet
947Kb / 3P
Junction Box - Actuator/Sensor, 4-port – M8 x 1 I/O port with M12 homerun
10/24/2022
More results

Similar Description - U2-28811

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1434840 PHOENIX-1434840 Datasheet
95Kb / 4P
Sensor/actuator box - SACB- 8/3-L-M12-M8
1516234 PHOENIX-1516234 Datasheet
87Kb / 4P
Sensor/actuator box - SACB- 4/3-L-M12-M8
1692501 PHOENIX-1692501 Datasheet
79Kb / 4P
Sensor/actuator box - SACB- 8/3-L- 5,0PUR M8
logo
WAGO Kontakttechnik Gmb...
757-383 WAGO-757-383 Datasheet
184Kb / 5P
M8 sensor/actuator box; 8-way; 3-pole; M16 connector
757-363 WAGO-757-363 Datasheet
166Kb / 5P
M8 sensor/actuator box; 6-way; 3-pole; M16 connector
757-343 WAGO-757-343 Datasheet
151Kb / 5P
M8 sensor/actuator box; 4-way; 3-pole; M16 connector
757-303 WAGO-757-303 Datasheet
280Kb / 6P
M8 sensor/actuator box; 10-way; 3-pole; M16 connector
757-185 WAGO-757-185 Datasheet
312Kb / 6P
M12 sensor/actuator box; 8-way; 5-pole; M23 connector
757-483-000-010 WAGO-757-483-000-010 Datasheet
218Kb / 5P
M8 sensor/actuator box; 8-way; 3-pole; 10m connecting cable
757-483-000-005 WAGO-757-483-000-005 Datasheet
218Kb / 5P
M8 sensor/actuator box; 8-way; 3-pole; 5m connecting cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com