Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2-28811 Datasheet(PDF) 2 Page - Turck, Inc.

Part # U2-28811
Description  Junction Box - Actuator/Sensor, 8-port – M8 snap, 3 pole I/O port with M12 homerun
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

U2-28811 Datasheet(HTML) 2 Page - Turck, Inc.

  U2-28811 Datasheet HTML 1Page - Turck, Inc. U2-28811 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|2
Technical data
Protection class (When coupled)
IP67, IP68, IP69, IP69K
NEMA: 1, 3, 4, 6P
Electrical properties at +20 °C
 
Rated voltage
30 VAC/DC
Rated voltage
AC/DC VDC
Current
2 A per contact, total current 2 A4 A total
when using additional power connections
(pins 11(v-), 12(v+))
Mechanical and chemical properties  
Approvals
CE
UKCA
RoHS
Note
 
- We reserve the right to make technical
alterations without prior notice.
Scope of delivery
Device
Quantity
Description
Junction boxes
1
Passive actuator/sensor junction box
PSGK-MC
2
Closure caps for M8 female connectors
KS5/10
9
Labels
Accessories
Ident-No.
Part Number
Description
U2-31580
RKC 10T-5/S3477
Connection cordset, female, M12, 10-pin, straight, 5m * (homerun)
UX10513
RKC 12T-5/S3477
Connection cordset, female, M12, 12-pin, straight, 5m * (homerun)
(power pair)
U2-02854
BS 81121-0/PG9
Field-wireable, male, M12, 12-pin, straight,(6-8mm)
A1050
KS 5/10 (10/LABELS) Labels
U0092-00
PSG 3-2
Cordset, male, Ø 8 mm (snap), 3-pin, straight, 2m * (I/O port)
U0138-2
PSW 3-2
Cordset, male, Ø 8 mm (snap), 3-pin, right-angle, 2m * (I/O port)
U2-11982
PSGK-MC (8/BAG)
Dust cap, male, Ø 8 mm (snap), (8/BAG)
A900154
TORQUE-WRENCH-
SET-M12&M8-
LEGACY
Torque wrench set, Torque driver, torque setting tool, M12 fitting,
M8 fitting.
A900102
PICOBOX ADAPTOR
PLATE, 8 PORT
(1PACK)
Allows new picobox to utilize the previous version mounting hole
locations.
* Other lengths available on request



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com