Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSG74B16 Datasheet(PDF) 5 Page - Kingstate Electronics Corp.

Part # KSSG74B16
Description  Magnetic Buzzer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSG74B16 Datasheet(HTML) 5 Page - Kingstate Electronics Corp.

  KSSG74B16 Datasheet HTML 1Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 2Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 3Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 4Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 5Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 6Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 7Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 5/7 KSSG74B16
G. ENVIRONMENT TEST 環境測試
No.
Item
Test condition
Evaluation standard
1
High temp. test
高溫測試
After being placed in a chamber at +85℃ for 96 hours.
置於+85℃環境中 96 小時
2
Low temp. test
低溫測試
After being placed in a chamber at –40℃ for 96 hours.
置於-40℃環境中 96 小時
3
Thermal Shock
熱衝擊試驗
The part shall be subjected to 10 cycles. One cycle shall consist
of; 對單體施以熱衝擊試驗 10 次循環,其循環內容如圖示
+85℃
-40℃
30 min.
30 min.
60 min.
4
Temp./ Humidity
Cycle
溫度/溼度循環測試
The part shall be subjected to 10 cycles. One cycle shall be 24
hours and consist of;
單體承受溫度/溼度循環測試 10 次.其循環內容如圖示
+85℃
a,b : 90~98%RH
c : 80~98%RH
a
b
+25℃
3hrs
12±0.5hrs
3hrs
c
24hours
After the test the part shall
meet specifications
with-out any degradation
in appearance and
performance except SPL.
after 4 hours at +25℃.
the SPL should be in
±10dBA compared with
initial one.
經測試後, 靜置於+25℃
(室溫)環境中 4 小時後,
單體除音壓外, 外觀及電
氣特性須符合規格. 輸出
音壓變化量須在±10dBA
內.
H. RELIABILITY TEST 信賴性測試
No.
Item
Test condition
Evaluation standard
1
Operating
life test
壽命測試
1.Continuous life test 高溫壽命測試(連續)
The part shall be subjected to 72 hours at +85℃ with 3.6V , 2730Hz
applied.
在+85℃環境下,輸入 3.6V , 2730Hz 連續操作 72 小時.
2.Intermittent life test 室溫壽命測試(間歇)
A duty cycle of 1 minute on, 1 minutes off, a minimum of 10000 times
at room temp.( +25±10℃) with 3.6V , 2730Hz applied.
在室溫下(+25±10℃), 輸入 3.6V , 2730Hz 通電 1 分鐘/斷電 1 分鐘,測試
10000 次循環.
After the test the part shall
meet specifications
with-out any degradation
in appearance and
performance except SPL.
after 4 hours at +25℃.
the SPL should be in
±10dBA compared with
initial one.
經測試後, 靜置於+25℃
(室溫)環境中 4 小時後,
單體除音壓外,外觀及電氣
特性須符合規格. 輸出音
壓變化量須在±10dBA.內.
TEST CONDITION.
Standard Test Condition
:
a) Temperature : +5 ~ +35℃
b) Humidity : 45-85%
c) Pressure : 860-1060mbar
一般測試條件
:
a) 溫度 : +5 ~ +35℃
b) 濕度 : 45-85%
c) 氣壓 : 860-1060mbar
Judgment Test Condition
:
a) Temperature : +25 ± 2℃
b) Humidity : 60-70%
c) Pressure : 860-1060mbar
爭議時測試條件
:
a) 溫度 : +25 ± 2℃
b) 濕度 : 60-70%
c) 氣壓 : 860-1060mbar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com