Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSG74B16 Datasheet(PDF) 6 Page - Kingstate Electronics Corp.

Part # KSSG74B16
Description  Magnetic Buzzer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSG74B16 Datasheet(HTML) 6 Page - Kingstate Electronics Corp.

  KSSG74B16 Datasheet HTML 1Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 2Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 3Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 4Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 5Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 6Page - Kingstate Electronics Corp. KSSG74B16 Datasheet HTML 7Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 6/7 KSSG74B16
I. Recommended Temperature Profile For Reflow Oven 建議迴焊爐溫度曲線
Time [sec]
Peak Temp
217°C
260°C
溫
度
°C
60~180sec
60~150sec
SMT Reflow Temperature Profile (Pb_Free)
255°C
20~40 sec
150°C
200°C
J. Recommended land pattern 建議基板設計尺寸圖



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com