Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTG0905CL Datasheet(PDF) 2 Page - Kingstate Electronics Corp.

Part # KTG0905CL
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KTG0905CL Datasheet(HTML) 2 Page - Kingstate Electronics Corp.

  KTG0905CL Datasheet HTML 1Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 2Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 3Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 4Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 5Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 2/6 KTG0905CL
A. SCOPE 範疇
This specification applies magnetic buzzer, KTG0905CL
此規格書適用於電磁式蜂鳴器, KTG0905CL
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Rated Voltage
額定電壓
VDC
5.0
2
Operating Volt.
操作電壓
VDC
4.0~7.0
3
Mean Current
平均耗電流
mA
Max. 30
4
Sound Output
輸出音壓
dBA
Min.80
(Typical 85)
Distance at 10cm(A-weight free air). Applying
rated voltage .
在自由音場 10 公分處,施以額定電壓.
5
Resonant Frequency
諧振頻率
Hz
2700 ± 300
6
Operating Temp.
操作溫度
-40 ~ +85
SPL Min75dB at “5” test condition
音壓 Min75dB,在第五項測試條件
7
Storage Temp.
儲存溫度
-40 ~ +85
8
Dimension
尺寸
mm
L9.6 x W9.6 x H5.0
See attached drawing.
請參照外觀尺寸圖
9
Weight
重量
gram
1.5
10
Material
材質
PPS(Black)
11
Terminal
端子
SMD type
(鍍全錫/Plating Sn)
See attached drawing.
請參照外觀尺寸圖
12
Environmental
Protection Regulation
環保法規
RoHS
13
Storage life
保存期限
month
6
6 months preservation at room temp.(25±3℃),
Humidity40%
在室溫下 25±3℃,濕度 40%以下可保存 6 個月.
C. TYPICAL FREQUENCY RESPONSE CURVE
頻率響應曲線
CONSUMPTION
VOLTAGE-CURRENT
VOLTAGE-SOUND PRESSURE
LEVEL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com