Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTG0905CL Datasheet(PDF) 5 Page - Kingstate Electronics Corp.

Part # KTG0905CL
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KTG0905CL Datasheet(HTML) 5 Page - Kingstate Electronics Corp.

  KTG0905CL Datasheet HTML 1Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 2Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 3Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 4Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 5Page - Kingstate Electronics Corp. KTG0905CL Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 5/6 KTG0905CL
H. RELIABILITY TEST 信賴性測試
No.
Item
Test condition
Evaluation standard
1
Operating
life test
壽命測試
1.Continuous life test 高溫壽命測試(連續)
The part shall be subjected to 72 hours at +70
with 5.0VDC applied.
℃
在+70℃環境下, 輸入 5.0VDC,連續操作 72 小時.
2.Intermittent life test 室溫壽命測試(間歇).
A duty cycle of 1 minute on, 1 minutes off, a minimum of 10000 times
at room temp.( +25±10
)
℃ with 5.0VDC applied.
在室溫下(+25±10 ),
℃
輸入 5.0VDC, 通電 1 分鐘/斷電 1 分鐘,測試
10000 次循環.
After the test the part shall
meet specifications
with-out any degradation
in appearance and
performance except SPL.
after 4 hours at +25℃.
the SPL should be in
±10dBA compared with
initial one.
經測試後, 靜置於+25(室
溫)環境中 4 小時後,單體
除音壓外, 外觀及電氣特
性須符合規格. 輸出音壓
變化量須在±10dBA 內.
TEST CONDITION.
Standard Test Condition
:
a) Temperature : +5 ~ +35℃
b) Humidity : 45-85%
c) Pressure : 860-1060mbar
一般測試條件
:
a) 溫度 : +5 ~ +35℃
b) 濕度 : 45-85%
c) 氣壓 : 860-1060mbar
Judgement Test Condition
:
a) Temperature : +25 ± 2℃
b) Humidity : 60-70%
c) Pressure : 860-1060mbar
標準測試條件
:
a) 溫度 : +25 ± 2℃
b) 濕度 : 60-70%
c) 氣壓 : 860-1060mbar
I. Recommended Temperature Profile For Reflow Oven 建議迴焊爐溫度曲線
Time [sec]
Peak Temp
217°C
260°C
溫
度
°C
60~180sec
60~150sec
SMT Reflow Temperature Profile (Pb_Free)
255°C
20~40 sec
150°C
200°C
J. Recommended land pattern 建議基板設計尺寸圖
Land Pattern



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com