Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS-G Datasheet(PDF) 11 Page - Kingbright Corporation

Part # KA-4008ZGS-G
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4008ZGS-G Datasheet(HTML) 11 Page - Kingbright Corporation

Back Button KA-4008ZGS-G Datasheet HTML 7Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 8Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 9Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 10Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 11Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 12Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 13Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 14Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 15Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SMD LED
18
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KA-2810ASURSK
AlGaInP
630
water clear
70
200
110°
2.8mm x 0.8mm Right Angle
KA-2810ASESK
AlGaInP
601
water clear
110
270
110°
KA-2810ASYSK
AlGaInP
590
water clear
110
200
110°
KA-2810ACGSK
AlGaInP
570
water clear
36
70
110°
KA-2810AZGS
InGaN
525
water clear
380
750
110°
KA-2810AZGS-E
InGaN
525
water clear
650
1300
110°
KA-2810AZGS-G
InGaN
525
water clear
900
1500
110°
KA-2810AQBS-D
InGaN
470
water clear
50
120
110°
KA-2810AQBS-F
InGaN
465
water clear
110
250
110°
KA-2810AQBS-G
InGaN
465
water clear
180
350
110°
KA-4008SURSK
AlGaInP
630
water clear
110
300
120°
4.0mm x 0.8mm Right Angle
KA-4008SESK
AlGaInP
601
water clear
110
350
120°
KA-4008SYSK
AlGaInP
590
water clear
70
250
120°
KA-4008ZGS
InGaN
525
water clear
280
600
120°
KA-4008ZGS-E
InGaN
525
water clear
650
1200
120°
KA-4008ZGS-G
InGaN
525
water clear
900
1400
120°
KA-4008QBS-D
InGaN
470
water clear
50
100
120°
KA-4008QBS-F
InGaN
465
water clear
110
250
120°
KA-4008QBS-G
InGaN
465
water clear
180
300
120°
KA-4040SURCKT
AlGaInP
630
water clear
70
250
90°
4.0mm x 4.0mm Right Angle
KA-4040SECKT
AlGaInP
601
water clear
110
400
90°
KA-4040SYCKT
AlGaInP
590
water clear
70
250
90°
KA-4040MGCT
AlGaInP
570
water clear
50
100
90°
KA-4040CGCKT
AlGaInP
570
water clear
36
70
90°
KA-4040ZGCT
InGaN
525
water clear
380
600
90°
KA-4040ZGCT-E
InGaN
525
water clear
480
1300
90°
KA-4040ZGCT-G
InGaN
525
water clear
650
1500
90°
KA-4040QBCT-D
InGaN
470
water clear
70
150
90°
KA-4040QBCT-F
InGaN
465
water clear
110
220
90°
KA-4040QBCT-G
InGaN
465
water clear
180
300
90°
Units : mm(inch)
Tolerance : ±0.25(0.01)
Units : mm(inch)
Tolerance : ±0.1(0.004)
KA-4008
KA-4040
RIGHT ANGLE SMD LED
KA-2810A
Units : mm(inch)
Tolerance : ±0.1(0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com