Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS-G Datasheet(PDF) 13 Page - Kingbright Corporation

Part # KA-4008ZGS-G
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4008ZGS-G Datasheet(HTML) 13 Page - Kingbright Corporation

Back Button KA-4008ZGS-G Datasheet HTML 9Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 10Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 11Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 12Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 13Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 14Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 15Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 16Page - Kingbright Corporation KA-4008ZGS-G Datasheet HTML 17Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SMD LED
20
SMD LED
21
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPBVA-3010ESGC
GaAsP/GaP
625
water clear
7
15
140°
3.0mm x 1.0mm x 2.0mm (1104 Right Angle, Bi-Color)
GaP
568
7
15
KPBVA-3010SRSGC-PRV
GaAlAs
640
water clear
50
140
140°
GaP
568
7
20
KPBVA-3010SURKSGC
AlGaInP
630
water clear
110
300
140°
GaP
568
7
15
KPBVA-3010SURKMGKC
AlGaInP
630
water clear
110
300
140°
AlGaInP
570
36
80
KPBVA-3010SURKQBDC
AlGaInP
630
water clear
110
300
140°
InGaN
470
36
90
KPBVA-3010YSGC
GaAsP/GaP
588
water clear
2.6
8
140°
GaP
568
7
15
KPBVA-3010SYKCGKC
AlGaInP
590
water clear
50
150
140°
AlGaInP
570
18
50
KM-23ESGW
GaAsP/GaP
625
white
diffused
4
15
140°
SOT-23 Surface Mount LED Lamp (3mm x 1.3mm)
GaP
568
4
15
KM-23ESGC
GaAsP/GaP
625
water clear
4
15
140°
GaP
568
4
15
KP-23ESGC
GaAsP/GaP
625
water clear
7
20
120°
3.0mm x 2.4mm x 1.05mm
GaP
568
7
20
KP-23YSGC
GaAsP/GaP
588
water clear
2.6
8
120°
GaP
568
7
20
KPBVA-3010
Units : mm(inch)
Tolerance : ±0.15(0.006)
Units : mm(inch)
Tolerance : ±0.25(0.01)
Units : mm(inch)
Tolerance : ±0.2(0.008)
KM-23ESG
KP-23xxx
MULTI-COLOR SMD LED
NOTE:
1.KP series custom-made is available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com