Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN306 Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN306
Description  P-Channel 1.8 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN306 Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN306 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN306 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN306 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN306 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN306 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
0
5
10
15
20
0
1234
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
-3.0V
-2.0V
-1.8V
-1.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
5
10
15
20
-ID, DIRAIN CURRENT (A)
VGS = -1.8V
-3.5V
-2.5V
-2.0V
-3.0V
-4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -2.6A
VGS = -4.5V
0.02
0.04
0.06
0.08
0.1
0.12
123
45
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.3A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
0.51
1.522.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25oC
-125oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
Rev:2023A2
3
P-Channel 1.8 V (D-S) MOSFET
FDN306



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com