Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN306 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN306
Description  P-Channel 1.8 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN306 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN306 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN306 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN306 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN306 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN306 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
This
P-Channel
1.8V
specified
MOSFET
uses
Fairchild’s advanced low voltage PowerTrench process.
It has been optimized for battery power management
applications.
Applications
• Battery management
• Load switch
• Battery protection
Features
• –2.6 A, –12 V. RDS(ON) = 40 mΩ @ VGS = –4.5 V
RDS(ON) = 50 m
Ω @ VGS = –2.5 V
RDS(ON) = 80 m
Ω @ VGS = –1.8 V
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
• SuperSOT
TM -3 provides low RDS(ON) and 30% higher
power handling capability than SOT23 in the same
footprint
D
S
G
Absolute Maximum Ratings TA=25oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–12
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current – Continuous
(Note 1a)
–2.6
A
– Pulsed
–10
Maximum Power Dissipation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
P-Channel 1.8 V (D-S) MOSFET
FDN306
Rev:2023A2
1
SOT–23
1. GATE
2. SOURCE
3. DRAIN


Similar Part No. - FDN306

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN306P FAIRCHILD-FDN306P Datasheet
144Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDN306P TECHPUBLIC-FDN306P Datasheet
1,001Kb / 3P
Single P-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN306P UMW-FDN306P Datasheet
468Kb / 5P
P-Channel 1.8 V (D-S) MOSFET
logo
ON Semiconductor
FDN306P ONSEMI-FDN306P Datasheet
247Kb / 7P
P-Channel 1.8V Specified PowerTrench® MOSFET
December 2001 Rev D
logo
VBsemi Electronics Co.,...
FDN306P-NL VBSEMI-FDN306P-NL Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - FDN306

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
07-Apr-03
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
13-Jun-05
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
12-Dec-05
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
P-Channel 1.8-V (G-S) MOSFET
24-Mar-08
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
P-Channel 1.8-V (G-S) MOSFET
31-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
12-Jun-06
logo
Guangdong Youtai Semico...
FDN306P UMW-FDN306P Datasheet
468Kb / 5P
P-Channel 1.8 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com