Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33291 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 26Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33291
FUNCTIONAL DESCRIPTION
Figure 23. Maximum SOIC Package Steady State Output
Current vs. Ambient Temperature
Figure 24. Maximum SOP Package Steady State Output
Current vs. Ambient Temperature
Figure 25. Maximum Output ON Resistance vs. Junction
Temperature
0
0.5
1.0
1.5
2.0
2.5
-50
25
75
100
150
-25
0
50
125
4 Outputs ON (35°C/W)
8 Outputs ON (34°C/W)
1 Output ON (40°C/W)
TA Ambient Temperature (C°)
RDS(ON) @ 150°C=0.8Ω
TJ =150°C
0
0.5
1.0
1.5
2.0
2.5
-50
25
75
100
150
-25
0
50
125
4 Outputs ON (35°C/W)
8 Outputs ON (34°C/W)
1 Output ON (40°C/W)
TA Ambient Temperature (C°)
RDS(on)@150°C=0.8
TJ =150°C
0.3
0.5
0.7
0.8
0.9
1.0
TJ Junction Temperature (°C)
-50
25
75
100
150
-25
0
50
125
0.4
0.6
VPWR = 13 V
VDD = 5.0 V
IOUT = 0.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com