Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33291 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33291
FUNCTIONAL DESCRIPTION
INTRODUCTION
Figure 14. 33291 SPI System Daisy Chain
Multiple 33291 devices can also be controlled in a parallel
input fashion using SPI, illustrated in Figure 15. This figure
shows a possible 24 loads being controlled by only three
dedicated parallel MCU ports used for chip select.
Figure 15. Parallel Input SPI Control
Figure 16, page 14, illustrates a basic method of
controlling multiple 33291 devices using two MCUs. A system
can have only one master MCU at any given instant of time
and one or more slave MCUs. Master control of the system
must pass from one MCU to the other in an orderly manner.
The master MCU supplies the system clock signal (top MCU
designated the master); the lower MCU being the slave. It is
possible to have a system with more than one master;
however, not at the same time. Only when the master is not
communicating can a slave assume the mastership and
communicate. MCU master control is switched through the
use of the slave select (SS) pin of the MCUs. A master will
become a slave when it detects a logic low state on its SS pin.
These basic examples make the 33291 very attractive for
applications where a large number of loads require efficient
control. To this end, the popular Synchronous Serial
Peripheral Interface (SPI) protocol is incorporated to
communicate efficiently with the MCU.
SPI SYSTEM ATTRIBUTES
The SPI system is flexible enough to communicate directly
with numerous standard peripherals and MCUs available
from Motorola and other semiconductor manufacturers. SPI
reduces the number of pins necessary for input/output (I/O)
on the 33291. It also offers an easy means of expanding the
I/O function using few MCU pins. The SPI system of
communication consists of the MCU transmitting, in return it
receives one data-bit of information per system clock cycle.
Data bits of information are simultaneously transmitted by
one pin, Master Out Serial In (MOSI), and received by
another pin, Master In Serial Out (MISO), of the MCU.
Some features of SPI are as follows:
• Full duplex, three-wire synchronous data transfer
• Each microcontroller can be a master or a slave
• Provides write collision flag protection
• Provides end of message interrupt flag
• Four I/Os associated with SPI (MOSI, MISO, SCLK, SS)
• Drawbacks to SPI are as follows:
• An MCU is required for efficient operational control
• In contrast to parallel input control it is slower at performing
pulse width modulating (PWM) functions.
SCLK
Parallel Port
MISO
MOSI
IRQ
MC68XX
Microcontroller
SPI
SO
SO
SO
SO
CS
CS
CS
CS
SCLK
SCLK
SCLK
SCLK
SI
SI
SI
SI
33291
33291
33291
33291
8 Outputs
8 Outputs
8 Outputs
8 Outputs
8 Outputs
8 Outputs
8 Outputs
A0
A1
A2
Parallel
Ports
MC68XX
Microcontroller
SPI
SI
SCLK
CS
SI
SCLK
CS
SI
SCLK
CS
33291
33291
33291
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com