Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33661 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33661
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
WAKE INPUT PIN (WAKE)
The WAKE pin is a high-voltage input used to wake up the
device from the Sleep mode. WAKE is usually connected to
an external switch in the application. The typical wake
thresholds are VSUP/2.
The WAKE pin has a special design structure and allows
wake-up from both HIGH-to-LOW or LOW-to-HIGH
transitions. When entering into Sleep mode, the LIN monitors
the state of the WAKE pin and stores it as a reference state.
The opposite state of this reference state will be the wake-up
event used by the device to enter again into Normal mode.
An internal filter is implemented (40
µs typical filtering time
delay). WAKE pin input structure exhibits a high impedance,
with extremely low input current when voltage at this pin is
below 14 V. When voltage at the WAKE pin exceeds 14 V,
input current starts to sink into the device. A serial resistor
should be inserted in order to limit the input current mainly
during transient pulses. Recommended resistor value is
33 k
Ω.
Important The WAKE pin should not be left open. If the
wake-up function is not used, WAKE should be connected to
ground to avoid false wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com