Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33793 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface (DSI) Sensor Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33793
FUNCTIONAL DEVICE OPERATION
DSI COMMANDS AND RESPONSES
DSI COMMANDS AND RESPONSES
INITIALIZATION COMMAND
The Initialization command must be sent to the 33793
before it may commence communications over the bus. The
command may be used three ways. The first is to initialize a
programmable address device. The second is the first step in
assigning a pre-programmed address. The third is to initialize
a pre-programmed device.
For the first case this command is sent to address zero
with the NV bit set to zero. The command will be received by
the next daisy chain device with its bus switch open.
Reception of this command will assign the device address
and group number.
For the second case the Initialization command is sent the
same as the first except that the NV bit is set to one.
Reception of the command will assign the device address
and group number. A Read/Write NVM command then may
be sent to complete the setting of a pre-programmed
address.
A pre-programmed device must be initialized by putting its
address in both PA3:PA0 and A3:A0 fields.
Once a device has received an initialization command, it
will ignore further initialization commands unless it has
received a Clear command or undergone a power-up reset.
If BS = 1 and no faults are detected, initialization will cause
the bus switch to close.
The command format is found in Table 9.
Table 8. Short-Word Response Summary
Command
Command
Description
Response
0000
Initialization
Not Valid
0001
Request Status
NV
U
LO
BS
IO3
IO2
IO1
IO0
0010
Request Value
0
B7
B6
B5
B4
B3
B2
B1
B0
0011
I/O Control
Not Valid
0100
Request ID Information
V2
V1
V0
0
0
0
1
1
0101
Request Value
1
B7
B6
B5
B4
B3
B2
B1
B0
0110
Request Value
2
B7
B6
B5
B4
B3
B2
B1
B0
0111
Clear
No Response
1000
Request Value
3
B7
B6
B5
B4
B3
B2
B1
B0
1001
Read/Write NVM
Not Valid
1010
Reserved
1011
Reserved
1100
Clear Logic Out
NV
U
LO
BS
IO3
IO2
IO1
IO0
1101
Set Logic Out
NV
U
LO
BS
IO3
IO2
IO1
IO0
1110
Reserved
1111
Reverse Initialization
Not Valid
Legend
B[7:0] = 8-bit A/D value.
BS = Status of the Bus Switch (1 = close).
LO = Logic Out level at the Logic Out pin.
IO[3:0] = Logic level of I/O.
NV = Allows nonvolatile address programming if set to “1”.
PA[3:0] = Bus Address to set the device to.
U = Undervoltage Flag.
V[2:0] = Version number.
Table 9. Initialization Command Format
Data
Address
Command
CRC
NV
BS
G1
G0
PA3
PA2
PA1
PA0
A3
A2
A1
A0
0
0
0
0
X3
X2
X1
X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com