Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33793 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface (DSI) Sensor Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33793
FUNCTIONAL DEVICE OPERATION
DSI COMMANDS AND RESPONSES
addressable device and would be immune to any inadvertent
future NVM programming sequences.
Reads and writes are long-word commands only. The
command format is found in Table 21.
READ/WRITE NVM RESPONSE
This response message is sent during the next message
following a valid Read/Write NVM command to the addressed
device. The response format is found in Table 22. The high
byte is omitted during the short-word response. No response
is generated if the command address field was $0.
CLEAR LOGIC OUT COMMAND
The Clear Logic Out command sets the Logic Out pin to a
logic low. The compliment to this command is the Set Logic
Out. The Logic Out is also cleared at power-up or following a
Clear command. The format of the Clear Logic Out command
is shown in Table 23.
CLEAR LOGIC OUT RESPONSE
This response message is sent during the next message
following a valid Clear Logic Out command to the addressed
device. The response is shown in Table 24. No response is
generated if the command address field was $0.
Table 21. Read/Write NVM Command Format
Data
Address
Command
CRC
1
1
1
1
PA3
PA2
PA1
PA0
A3
A2
A1
A0
1
0
0
1
X3
X2
X1
X0
Legend
A[3:0] = Address bits. These bits are the address of the device
previously sent with the Initialization command. They must match
the address in the PA[3:0] field and the address stored in the
device address register.
PA[3:0] = Program Address bits. These bits are the address that is to be
programmed into the slave.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.
Table 22. Read/Write NVM Response Format
High Byte
Low Byte
CRC
A3
A2
A1
A0
0
0
0
0
1
1
1
1
PA3
PA2
PA1
PA0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The slave address.
PA[3:0] = Programmed Address bits. The address that was
programmed into the NVM address bits of the slave.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
slave.
Table 23. Clear Logic Out Command Format
Data
Address
Command
CRC
–
–
–
–
–
–
–
–-
A3
A2
A1
A0
1
1
0
0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The address of the selected device.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
master.
Table 24. Clear Logic Out Response Format
High Byte
Low Byte
CRC
A3
A2
A1
A0
0
0
0
0
NV
U
LO
BS
IO3
IO2
IO1
IO0
X3
X2
X1
X0
Legend
A[3:0] = Address bits. The slave address.
BS = Bus Switch Position (1=closed).
LO = Logic out driven level.
IO[3:0] = Values at logic I/Os.
NV = Nonvolatile Memory Write. The value of the NV bit in the slave.
U = Undervoltage indicated true by a “1”.
X[3:0] = Cyclic Redundancy Check (CRC). The CRC as calculated by the
slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com