Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33882 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch with SPI and Parallel Input Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33882 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Analog Integrated Circuit Device Data
3
Freescale Semiconductor
33882
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. HSOP Pin Connections
Table 1. HSOP Pin Function Description
Pin
Pin Name
Formal Name
Definition
1
VPWR
Load Supply Voltage
This pin is connected to battery voltage. A decoupling cap is required from VPWR to
ground.
2
19
28
IN0 & IN1
IN2 & IN3
IN4 & IN5
Input 0 & Input 1
Input 2 & Input 3
Input 4 & Input 5
These input pins control two output channels each when the MODE pin is pulled high.
These pins may be connected to pulse width modulated (PWM) outputs of the control
IC while the MODE pin is high. The states of these pins are ignored during normal
operation (MODE pin low) and override the normal inputs (serial or parallel) when the
MODE
pin is high. These pins have internal active 25
µA pull-downs.
3
MODE
Mode Select
The MODE pin is connected to the MODE pin of the control IC. This pin has an internal
active 25
µA pull-up.
4
6
9
18
21
24
27
29
IN0
IN1
IN2
IN7
IN3
IN4
IN5
IN6
Input 0–Input7
These are parallel control input pins. These pins have internal 25
µA active pull-
downs.
5
7
10
17
20
23
26
30
OUT0
OUT1
OUT2
OUT7
OUT3
OUT4
OUT5
OUT6
Output 0–Output7
Each pin is one channel's drain, sinking current for the respective load.
8, 11, 22, 25
NC
No Connect
Not connected.
12
SI
Serial Input
The Serial Input pin is connected to the SPI Serial Data Output pin of the control IC
from where it receives output command data. This input has an internal active 25
µA
pull-down and requires CMOS logic levels.
VPWR
1
OUT0
IN1
OUT1
NC
IN2
OUT2
NC
SI
SCLK
CS
SO
MODE
IN0
IN0 & IN1
OUT6
OUT5
NC
IN4
OUT4
NC
IN3
OUT3
IN2 & IN3
IN7
OUT7
VDD
IN4 & IN5
IN5
IN6
7
8
9
10
11
12
13
14
15
3
4
5
6
2
30
24
23
22
21
20
19
18
17
16
28
27
26
25
29
HEAT
SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com