Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33882 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch with SPI and Parallel Input Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33882 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33882
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33882 Simplified Internal Block Diagram
17 (OUT7)
30 (OUT6)
26 (OUT5)
23 (OUT4)
20 (OUT3)
10 (OUT2)
7 (OUT1)
5 (OUT0)
16 (VDD)
1 (VPWR)
12 (SI)
3 (MODE)
18 (IN7)
29 (IN6)
24 (IN4)
28 (IN4 & IN5)
21 (IN3)
27 (IN5)
9 (IN2)
19 (IN2 & IN3)
6 (IN1)
4 (IN0)
2 (IN0 & IN1)
13 (SCLK)
14 (CS)
15 (SO)
Serial Out
Serial In
DDD
DD
D
D
D
CCC
CC
C
C
C
Q
QQQQ
Q
Q
Q
DD
V
DD
V
Tri-state
Shift
Enable
SO Fault Latch/Shift Register
Output 0 Status
Output Status
1 through 7
Gate 0
Gate 0
Gate 2
Gate 3
Gate 4
Gate 5
Gate 6
Gate 7
Overvoltage
Shutdown
Undervoltage
Shutdown
Internal
Bias
Detect
Logic
On Open
Open
Load
OFF/ON
Detect
Load
Short
3.0 A
Detect
REF
V
LIM
I
OF (th)
V
O(OFF)
I
40
µA
3.0 V
52 V
OUT6
and OUT7
Unclamped
Low
Power
OUT1
to OUT5
Power
01
2
3
45
6
7
GND (Heat Sink)
Note Pin numbers shown in this figure are applicable only to the 30-lead HSOP package.
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com