Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33883 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33883 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Document Number: MC33883
Rev 9.0, 1/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
H-Bridge Gate Driver IC
The 33883 is an H-bridge gate driver (also known as a full-bridge
pre-driver) IC with integrated charge pump and independent high-
and low-side gate driver channels. The gate driver channels are
independently controlled by four separate input terminals, thus
allowing the device to be optionally configured as two independent
high-side gate drivers and two independent low-side gate drivers.
The low-side channels are referenced to ground. The high-side
channels are floating.
The gate driver outputs can source and sink up to 1.0 A peak
current pulses, permitting large gate-charge MOSFETs to be driven
and/or high Pulse Width Modulation (PWM) frequencies to be utilized.
A linear regulator is incorporated, providing a 15 V typical gate supply
to the low-side gate drivers.
Features
•VCC Operating Voltage Range from 5.5 V up to 55 V
•VCC2 Operating Voltage Range from 5.5 V up to 28 V
• CMOS/LSTTL Compatible I/O
• 1.0 A Peak Gate Driver Current
• Built-In High-Side Charge Pump
• Undervoltage Lockout (UVLO)
• Overvoltage Lockout (OVLO)
• Global Enable with <10
µA Sleep Mode
• Supports PWM up to 100 kHz
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33883 Simplified Application Diagram
H-BRIDGE GATE DRIVER IC
33883
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33883DW/R2
-40°C to 125°C
20 SOICW
MCZ33883EG/R2
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42343B
20-TERMINAL SOICW
MCU
33883
VBOOST
VBAT
GND
SRC_HS2
GATE_LS2
CP_OUT
LR_OUT
GATE_HS1
SRC_HS1
GATE_LS1
GATE_HS2
IN_HS1
IN_LS1
IN_HS2
IN_LS2
VCC
VCC2
G_EN
C1
C2
DC
Motor
GND_A
/2


Similar Part No. - 33883

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
478Kb / 21P
H-Bridge Gate Driver IC
Rev 10.0, 10/2012
33883 FREESCALE-33883_V01 Datasheet
478Kb / 21P
H-Bridge Gate Driver IC
Rev 10.0, 10/2012
More results

Similar Description - 33883

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
H-Bridge Gate Driver IC
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
Dual H-Bridge Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
Automotive H-Bridge Gate Driver
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com