Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX12 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX12
Description  Pressure Sensor Functional Package Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX12 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
Freescale Semiconductor’s pressure sensors
are designed for interfacing and monitoring
the atmosphere around you. To achieve this
functionality, customers need the most flexible
packaging options possible. In terms of
package options, Freescale's pressure sensors
feature unique size choices with or without
porting, a single or dual port, and the option
of axial or side porting.
To enhance your evaluation experience,
Freescale is offering a pressure sensor
package board, the KITMPXSHOWEVK as a
marketing tool that shows Freescale’s
most popular pressure sensor
package types mounted
to a PCB board.
Pressure Sensors
KITMPXSHOWEVK
Pressure Sensor Functional Package Board
The pressure sensors are functional and
include the following package configurations:
Unibody Package
• Basic element
• Dual port
Small Outline Package (SOP) devices
• Axial port
• Dual sided port
Super Small Outline Package (SSOP)
• Unported
MPAK Package
• Axial port
• Unported
Target Applications for Pressure Sensors
• Barometric and altimetric measurements
• Barometric absolute pressure (BAP)
• Manifold absolute pressure (MAP)
• Blood pressure monitors
• Dialysis and drug delivery systems
• Health care equipment
• Heating, ventilation and air conditioning
• Hospital and air mattresses
• Industrial control
• Motorcycle engines
• Patient monitoring systems
• Physical therapy equipment
• Remote monitoring devices
• Respiratory and spirometer
• Sports diagnostic systems
• Vacuum cleaners
• Appliance water-level measurement
• Weather forecasting stations
• Wound management


Similar Part No. - MPX12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
logo
Motorola, Inc
MPX12D MOTOROLA-MPX12D Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results

Similar Description - MPX12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-005G ETC2-4426-005G Datasheet
275Kb / 2P
PC Board Mountable Pressure Sensor
logo
TE Connectivity Ltd
13-43 TEC-13-43 Datasheet
151Kb / 5P
PC Board Mountable Pressure Sensor
1210 TEC-1210 Datasheet
211Kb / 7P
PC Board Mountable Pressure Sensor
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
PC Board Mountable Pressure Sensor
1230 TEC-1230 Datasheet
183Kb / 5P
PC Board Mountable Pressure Sensor
1240 TEC-1240 Datasheet
177Kb / 5P
PC Board Mountable Pressure Sensor
MS1451 TEC-MS1451 Datasheet
150Kb / 5P
PC Board Mountable Pressure Sensor
MS1471 TEC-MS1471 Datasheet
143Kb / 5P
PC Board Mountable Pressure Sensor
MS4425 TEC-MS4425 Datasheet
202Kb / 7P
PC Board Mountable Pressure Sensor
MS4426 TEC-MS4426 Datasheet
156Kb / 6P
PC Board Mountable Pressure Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com