Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 34 Page - Texas Instruments

Part # TPS1663
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS1663_V03 Datasheet HTML 30Page - Texas Instruments TPS1663_V03 Datasheet HTML 31Page - Texas Instruments TPS1663_V03 Datasheet HTML 32Page - Texas Instruments TPS1663_V03 Datasheet HTML 33Page - Texas Instruments TPS1663_V03 Datasheet HTML 34Page - Texas Instruments TPS1663_V03 Datasheet HTML 35Page - Texas Instruments TPS1663_V03 Datasheet HTML 36Page - Texas Instruments TPS1663_V03 Datasheet HTML 37Page - Texas Instruments TPS1663_V03 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Jun-2024
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS16630PWPR
ACTIVE
HTSSOP
PWP
20
2000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS16630
Samples
TPS16630PWPT
ACTIVE
HTSSOP
PWP
20
250
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS16630
Samples
TPS16630RGER
ACTIVE
VQFN
RGE
24
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TPS
16630
Samples
TPS16630RGET
ACTIVE
VQFN
RGE
24
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TPS
16630
Samples
TPS16632RGER
ACTIVE
VQFN
RGE
24
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TPS
16632
Samples
TPS16632RGET
ACTIVE
VQFN
RGE
24
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TPS
16632
Samples
TPS16637PWPR
ACTIVE
HTSSOP
PWP
20
2000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS16637
Samples
TPS16637RGER
ACTIVE
VQFN
RGE
24
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TPS
16637
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com