Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS1663
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS1663_V03 Datasheet HTML 32Page - Texas Instruments TPS1663_V03 Datasheet HTML 33Page - Texas Instruments TPS1663_V03 Datasheet HTML 34Page - Texas Instruments TPS1663_V03 Datasheet HTML 35Page - Texas Instruments TPS1663_V03 Datasheet HTML 36Page - Texas Instruments TPS1663_V03 Datasheet HTML 37Page - Texas Instruments TPS1663_V03 Datasheet HTML 38Page - Texas Instruments TPS1663_V03 Datasheet HTML 39Page - Texas Instruments TPS1663_V03 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Jun-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS16630PWPR
HTSSOP
PWP
20
2000
330.0
16.4
6.95
7.0
1.4
8.0
16.0
Q1
TPS16630PWPT
HTSSOP
PWP
20
250
180.0
16.4
6.95
7.0
1.4
8.0
16.0
Q1
TPS16630RGER
VQFN
RGE
24
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TPS16630RGET
VQFN
RGE
24
250
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TPS16632RGER
VQFN
RGE
24
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TPS16632RGET
VQFN
RGE
24
250
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TPS16637PWPR
HTSSOP
PWP
20
2000
330.0
16.4
6.95
7.0
1.4
8.0
16.0
Q1
TPS16637RGER
VQFN
RGE
24
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com