Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01082 Datasheet(PDF) 3 Page - Greenlee Communications

Part # 01082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

01082 Datasheet(HTML) 3 Page - Greenlee Communications

  01082 Datasheet HTML 1Page - Greenlee Communications 01082 Datasheet HTML 2Page - Greenlee Communications 01082 Datasheet HTML 3Page - Greenlee Communications 01082 Datasheet HTML 4Page - Greenlee Communications 01082 Datasheet HTML 5Page - Greenlee Communications 01082 Datasheet HTML 6Page - Greenlee Communications 01082 Datasheet HTML 7Page - Greenlee Communications 01082 Datasheet HTML 8Page - Greenlee Communications 01082 Datasheet HTML 9Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
CAT. NO.
UPC NO.
DESCRIPTION
ECCX11
07028
Battery-powered CCX tool, 120 V charger
ECCX12
07029
Battery-powered CCX tool, 12 V charger
ECCX22
07030
Battery-powered CCX tool, 230 V charger
Crimping dies on page 170.
SPECIFICATIONS
Crimping Force
12,000 lb. (53 kN)
Length
14-3/4" (375 mm)
Height
12-1/8" (308 mm)
Weight
10.5 lbs. (4.8 kg)
Battery
12 Volt, 2.2 Ah, Ni-MH
Battery Charge Time
1 hour
The Greenlee CCX three-step,
10-second function changeover.
The easy, quick-release design
makes changeovers this simple:
Just push the release buttons,
and the blades slide right out
of the easy-opening CCX head.
Alternate die adapters, cutter
blades, or knockout punch
adapters slide right in!
You’re working again, with no
lost time!
1
2
3
What Is CCX?
CCX–Exclusive Multipurpose Tools from Greenlee
Get more for your money and carry fewer tools – with CCX. This advanced
line of multipurpose tools is designed to work with a wide variety of cutting
blades and crimping die adapters, and a knockout punch adapter. Buy just
one tool for countless electrical construction and maintenance jobs.
Cut
• Copper, aluminum, copperweld, and ACSR cable
• Guy strand, including EHS
• Threaded rod
• DIN rail
Crimp – with any six-ton die type
• Greenlee K22 & KA22
• Thomas & Betts 6Ton
• Burndy W
• Blackburn OD
• Kearney O
• Panduit CD2001
• For copper lugs and splices, use Greenlee dies up to 600 kcmil (MCM).
For aluminum lugs & splices, use Greenlee dies up to 350 kcmil (MCM).*
Punch – use the knockout punch adapter with
• Standard Slug-Buster and Slug-Splitter punches
• Non-round punches
*UL classified and CSA certified to 600 kcmil (MCM) with Anderson, Blackburn
®, Burndy, ILSCO, Panduit, Thomas &
Betts, and Penn-Union copper color-coded connectors. UL & CUL classified to 350 kcmil (MCM) with Anderson,
Blackburn
®, Burndy, ILSCO, Panduit, Thomas & Betts, and Penn-Union aluminum color-coded connectors.
Gator-Pro™ ECCX
• Nickel-metal hydride battery (Ni-MH) delivers up to 140 cycles per charge.
• 360° rotating head adjusts to your work position.
• Lightweight, plus ergonomic-angled handle for comfortable, low-stress use.
• Cycles in seconds with two-speed hydraulic pump, maximizing productivity.
• Automatic retraction when crimping and cutting cycles are complete.
• Uses all optional CCX blades and adapters (see page 145).
• Includes two batteries, a choice of either a 120V, 12V or 230V one-hour
charger, and a high-impact molded carrying case.
• U.S. Patent #6,206,663 and Patent Pending.
greenlee.com
143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com