Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01082 Datasheet(PDF) 14 Page - Greenlee Communications

Part # 01082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

01082 Datasheet(HTML) 14 Page - Greenlee Communications

Back Button 01082 Datasheet HTML 10Page - Greenlee Communications 01082 Datasheet HTML 11Page - Greenlee Communications 01082 Datasheet HTML 12Page - Greenlee Communications 01082 Datasheet HTML 13Page - Greenlee Communications 01082 Datasheet HTML 14Page - Greenlee Communications 01082 Datasheet HTML 15Page - Greenlee Communications 01082 Datasheet HTML 16Page - Greenlee Communications 01082 Datasheet HTML 17Page - Greenlee Communications 01082 Datasheet HTML 18Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
154
CAT. NO.
UPC NO.
DESCRIPTION
757
34084
Ratchet ACSR/Cable Cutter
757U
38794
Ratchet ACSR/Cable Cutter
without rubber boot
34187
34187
Cutter Head Unit (Includes 2 Blades)
Ratchet ACSR/Cable Cutter
• Extra thick blades, ground flat to reduce potential for breakage.
• Ratchet action for increased cutting power.
• Two cutting actions – fast scissor cutting for small cable; converts
automatically to ratchet mode.
• Anti-slip mechanism for positive ratchet action.
• Rubber boot protects ratchet mechanism.
SPECIFICATIONS
C
apacity
954 kcmil (MCM) (477 mm2) ACSR, 1/2" (12.7 mm) soft steel rod
Length
29-1/4" (743 mm),
Jaw opening
1.18" (30 mm)
Weight
12.22 lbs. (5.54 kg)
CAT. NO.
UPC NO.
DESCRIPTION
758
01274
Heavy-Duty Ratchet Guy Wire Cutter
03548
03548
Cutter Head Unit (Includes Blades, Blade
Holder, Insert and Hardware)
SPECIFICATIONS
Cutting Capacities
Guy Wire: 5/8 in. (16 mm) dia.
Ground Rod: 5/8 in. (16 mm) dia.
EHS Guy Wire: 5/8 in. (16 mm) dia.
Soft Steel Bolts: 5/8 in. (16 mm) dia.
Rebar (grade 60): 5/8 in. (16 mm) dia.
ACSR: 477 kcmil (MCM) (240 mm2)
Guy Wire Cutter Dies
• Works with any crimping tool that accepts 12-ton “U” type dies.
• Less costly than dedicated cutting tools.
• Simple to install in crimping tools.
• Require no adjustments for cutting different materials.
• Will cleanly cut guy wire (including EHS), grade 60 rebar, ground rod, soft
steel bolts up to 5/8" (16 mm) and up to 477 kcmil (MCM) (240 mm2) ACSR.
• Patent 5,775,158.
CAT. NO.
UPC NO.
DESCRIPTION
00949
00949
Cutting dies for 12-ton “U” die type crimping tools
EHS Guy Wire Cutter
• Cuts 1/2" Extra High Strength (EHS) and standard guy wire.
• Cuts 1/2" (12.7 mm) mild steel rods and bolts.
• Has two cutting actions – single motion cutting for small cable. Ratchet
action for heavy-duty cutting.
• Anti-slip mechanism for positive ratchet action.
SPECIFICATIONS
Capacity
1/2" EHS and standard Guy Wire, 1/2" Mild Steel Rods and Bolt.
Length
27-3/4" (704 mm).
Weight
10 lbs. 12 oz. (4.8 kg)
CAT. NO.
UPC NO.
DESCRIPTION
1915
31892
Wire Cutter, 30-10 AWG (.08-6 mm2)
Wire Cutter
Small, economical wire cutter that fits well in any tool belt.
• 30-10 AWG (.05-6 mm2) copper wire.
• Stamped and precision ground from high carbon tool steel.
• Heat-treated for long life.
• Return spring.
• Pivot joints have hardened steel bushings.
• Cushioned vinyl handle grip.
• Rust-resistant, black oxide finish.
SPECIFICATIONS
Capacity
30 - 10 AWG (.05mm2 - 6 mm2*) copper wire
Length
5-1/2" (140 mm)
Weight
.2 lb. (90 g)
*Comparable Conductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com