Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD1245PFS2 Datasheet(PDF) 7 Page - Sunon Fans

Part # KD1245PFS2
Description  DC Brushless Fan
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

KD1245PFS2 Datasheet(HTML) 7 Page - Sunon Fans

  KD1245PFS2 Datasheet HTML 1Page - Sunon Fans KD1245PFS2 Datasheet HTML 2Page - Sunon Fans KD1245PFS2 Datasheet HTML 3Page - Sunon Fans KD1245PFS2 Datasheet HTML 4Page - Sunon Fans KD1245PFS2 Datasheet HTML 5Page - Sunon Fans KD1245PFS2 Datasheet HTML 6Page - Sunon Fans KD1245PFS2 Datasheet HTML 7Page - Sunon Fans KD1245PFS2 Datasheet HTML 8Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
US
C
Bearing
Sleeve
BALL
2BALL
Model
P/N
Rating
Voltage
(VDC)
Power
Current
(AMP)
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dBA)
Weight
(g)
13.(2)
13.(2)
13.(2)
13
13
13
1.9
1.7
1.2
2.0
1.7
1.3
0.16
0.14
0.10
0.17
0.14
0.11
35
33
30
34
32
28
95
95
95
95
95
95
49
48
41
49
44.5
39
2800
2600
2300
2800
2500
2200
12
12
12
12
12
12
0.17
0.15
0.11
0.16
0.14
0.11
KD1209PTB1
KD1209PTB2
KD1209PTB3
KD1209PTS1
KD1209PTS2
KD1209PTS3
92x92x25 mm
4.8
3.6
2.4
4.8
3.6
2.4
5.3
4.1
3.1
5.3
4.1
3.1
0.40
0.30
0.20
0.40
0.30
0.20
0.22
0.17
0.13
0.22
0.17
0.13
44.5
41
35.5
44
40
35
44.5
41
35.5
44
40
35
90
80
69
88
78
67
90
80
69
88
78
67
3100
2800
2400
3000
2700
2300
3100
2800
2400
3000
2700
2300
12
12
12
12
12
12
24
24
24
24
24
24
0.28
0.22
0.17
0.27
0.21
0.16
0.28
0.22
0.17
0.27
0.21
0.16
KD1212PTB1-6A
KD1212PTB2-6A
KD1212PTB3-6A
KD1212PTS1-6A
KD1212PTS2-6A
KD1212PTS3-6A
KD2412PTB1-6A
KD2412PTB2-6A
KD2412PTB3-6A
KD2412PTS1-6A
KD2412PTS2-6A
KD2412PTS3-6A
120x120x25 mm
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
200
200
200
200
200
200
200
200
200
200
200
200
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
120x120x38 mm
7.6
6.8
5.1
3.2
7.6
6.8
5.1
3.2
7.2
6.7
5.5
4.0
7.2
6.7
5.5
4.0
9.1
7.7
4.8
9.1
7.7
4.8
0.63
0.56
0.42
0.26
0.63
0.56
0.42
0.26
0.30
0.28
0.23
0.16
0.30
0.28
0.23
0.16
0.19
0.16
0.10
0.19
0.16
0.10
46.5
42
36.5
35
45
41
36
34
46.5
42
36.5
35
45
41
36
34
47
44
41
46
43.5
40
326
326
326
326
326
326
326
326
326
326
326
326
326
326
326
326
326
326
326
326
326
326
120
108
98
84
119
107
97
83
120
108
98
84
119
107
97
83
136
127
107
132.5
124
106.5
3150
3100
2800
2400
3100
3000
2700
2300
3150
3100
2800
2400
3100
3000
2700
2300
3000
2800
2400
2900
2700
2300
12
12
12
12
12
12
12
12
24
24
24
24
24
24
24
24
48
48
48
48
48
48
0.34
0.31
0.25
0.19
0.32
0.30
0.24
0.18
0.34
0.31
0.25
0.19
0.32
0.30
0.24
0.18
0.30
0.28
0.20
0.29
0.26
0.19
KD1212PMBX-6A
KD1212PMB1-6A
KD1212PMB2-6A
KD1212PMB3-6A
KD1212PMSX-6A
KD1212PMS1-6A
KD1212PMS2-6A
KD1212PMS3-6A
KD2412PMBX-6A
KD2412PMB1-6A
KD2412PMB2-6A
KD2412PMB3-6A
KD2412PMSX-6A
KD2412PMS1-6A
KD2412PMS2-6A
KD2412PMS3-6A
KD4812PMB1-6A
KD4812PMB2-6A
KD4812PMB3-6A
KD4812PMS1-6A
KD4812PMS2-6A
KD4812PMS3-6A
Specifications subject to change without notice.
Sunon General DC Brushless Fan



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com