Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD1245PFS2 Datasheet(PDF) 2 Page - Sunon Fans

Part # KD1245PFS2
Description  DC Brushless Fan
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

KD1245PFS2 Datasheet(HTML) 2 Page - Sunon Fans

  KD1245PFS2 Datasheet HTML 1Page - Sunon Fans KD1245PFS2 Datasheet HTML 2Page - Sunon Fans KD1245PFS2 Datasheet HTML 3Page - Sunon Fans KD1245PFS2 Datasheet HTML 4Page - Sunon Fans KD1245PFS2 Datasheet HTML 5Page - Sunon Fans KD1245PFS2 Datasheet HTML 6Page - Sunon Fans KD1245PFS2 Datasheet HTML 7Page - Sunon Fans KD1245PFS2 Datasheet HTML 8Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
25x25x6mm
Bearing
VAPO
BALL
2BALL
31
23
15
5
5
5
3
2.2
1.4
13000
10000
7000
5
5
5
0.8
0.5
0.35
0.16
0.10
0.07
0.22
0.16
0.07
Model
P/N
Rating
Voltage
(VDC)
Power
Current
(AMP)
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dBA)
Weight
(g)
KDE0502PEV1-8
KDE0502PEV2-8
KDE0502PEV3-8
MS.N
MS.N
MS.N
30x30x10mm
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
1.0
0.7
0.35
0.19
0.13
0.07
23
20
15
8.7
8.7
8.7
5.5
4.6
3.6
9500
8000
5500
5
5
5
0.15
0.12
0.07
KDE0503PFV1-8
KDE0503PFV2-8
KDE0503PFV3-8
MS
MS
MS
30x30x6mm
0.8
0.6
0.35
0.16
0.11
0.07
28
23
16.5
6
6
6
4.9
3.7
2.4
9500
7500
5500
5
5
5
0.14
0.09
0.06
KDE0503PEV1-8
KDE0503PEV2-8
KDE0503PEV3-8
MS.N
MS.N
MS.N
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
25x25x10mm
23
16
9.5
7.2
7.2
7.2
3.5
3
2.3
13000
10000
7000
5
5
5
0.9
0.6
0.35
0.17
0.12
0.07
0.25
0.18
0.11
KDE0502PFV1-8
KDE0502PFV2-8
KDE0502PFV3-8
MS
MS
MS
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
Sunon MagLev DC Brushless Fan
Sunon MagLev DC Brushless Fan
35x35x10mm
1.0
0.7
0.35
0.3
0.19
0.13
0.07
0.06
28
22
16
13
10.5
10.5
10.5
10.5
7
6.5
5.2
3.8
9500
7500
6000
4500
5
5
5
5
0.18
0.12
0.08
0.05
KDE0535PFVX-8
KDE0535PFV1-8
KDE0535PFV2-8
KDE0535PFV3-8
MS
MS
MS
MS
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com