Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-SERIES Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SC-SERIES
Description  MIS Chip Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SC-SERIES Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SC-SERIES Datasheet HTML 1Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 2Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 3Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 4Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200136G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 25, 2011
1
DATA SHEET
SC Series: MIS Chip Capacitors
Applications
• Systems requiring DC blocking or RF bypassing
• Fixed capacitance tuning element in filters, oscillators, and
matching networks
Features
• Readily available from stock
• High reliability silicon oxide-nitride dielectric
• Low loss: typically 0.04 dB in a 50
Ω system
• Operation through 26 GHz
• Wide temperature operation
Description
Skyworks Metal Insulator Silicon (MIS) chip capacitors are
available in a wide range of sizes and capacitance values. The
devices have a dielectric composed of thermally grown silicon
dioxide over which a layer of silicon nitride is deposited. This
dielectric has a low temperature coefficient of capacitance and
very high insulation resistance.
The MIS chip capacitors also exhibit excellent long-term stability,
which makes them suitable for high-reliability applications. The
capacitors have a high dielectric breakdown, which permits the
use of thin dielectrics resulting in large capacitance per unit area.
The temperature coefficient is less than 50 ppm/°C, allowing the
capacitors to operate from –65 °C up to 200 °C. Compared to
ceramic capacitors, Skyworks MIS chip capacitors offer higher Q
and an insertion loss of 0.04 dB in a 50
Ω system. Insulation
resistance is greater than 105 M
Ω.
To accommodate high volume, automated assembly methods,
wafers can be supplied on expanded film frames. To reduce cost,
chips can be supplied packaged in vials with sample testing only.
Packaging in waffle packs with 100 percent electrical testing and
visual inspection is also available.


Similar Part No. - SC-SERIES

ManufacturerPart #DatasheetDescription
logo
FCI connector
SC-SFV03 FCI-CONNECTOR-SC-SFV03 Datasheet
743Kb / 9P
0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SC-SFW10 FCI-CONNECTOR-SC-SFW10 Datasheet
850Kb / 9P
1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
More results

Similar Description - SC-SERIES

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3F-10PA-2.54DSA HIROSE-HIF3F-10PA-2.54DSA Datasheet
120Kb / 3P
Box type Pin Header to Prevent Mis-insertion
logo
Skyworks Solutions Inc.
SC02201518 SKYWORKS-SC02201518 Datasheet
65Kb / 3P
MIS Chip Capacitors
logo
List of Unclassifed Man...
SC9017-000 ETC1-SC9017-000 Datasheet
53Kb / 2P
FET Chip Mounting Capacitors (MIS)
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
NTE Electronics
NTE1073 NTE-NTE1073 Datasheet
81Kb / 1P
Integrated Circuit AM−RF Amplifier, Mis, OSC FM−IF Amplifier
logo
AVX Corporation
MS20 AVX-MS20 Datasheet
178Kb / 2P
MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
logo
Cooper Bussmann, Inc.
MIS-1 COOPER-MIS-1 Datasheet
292Kb / 2P
MIS non time-delay pin indicating supplemental fuses
logo
Eaton All Rights Reserv...
KAZ EATON-KAZ Datasheet
292Kb / 2P
KAZ and MIS 13??2? x 2? 600Vac KAZ actuator and MIS non time-delay pin indicating supplemental fuses
logo
Japan Aviation Electron...
KN06-KEY JAE-KN06-KEY Datasheet
70Kb / 3P
CONN RECTANGULAR MIS-MATING PREV
logo
Lorlin Electronics Ltd.
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com