Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-SERIES Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SC-SERIES
Description  MIS Chip Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SC-SERIES Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SC-SERIES Datasheet HTML 1Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 2Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 3Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 4Page - Skyworks Solutions Inc. SC-SERIES Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATA SHEET
• SC SERIES: MIS CHIP CAPACITORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
May 25, 2011 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200136G
Table 1. MIS Capacitors Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Units
Dielectric withstand voltage
100
V
Operating temperature
TOP
–65
+200
°C
Storage temperature
TSTG
–65
+200
°C
Note: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 2. MIS Chip Capacitors Electrical Specifications (Note 1)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Capacitance
0.8
1000
pF
Temperature coefficient
50
ppm/°C
Capacitance tolerance
–20
+20
%
Operating temperature
TOP
–65
+200
°C
Dielectric withstand voltage
100
V
Insulation resistance
105
M
Ω
Leakage current
<1
nA
Note 1: Performance is guaranteed only under the conditions listed in this Table.
Electrical and Mechanical Specifications
The absolute maximum ratings of the MIS chip capacitors are
provided in Table 1. Electrical specifications are provided in
Table 2.
A graph of typical insertion loss versus frequency is shown in
Figure 1. This data is taken from an actual test circuit with series
mounted beam-lead or chip capacitors on a 50
Ω microstrip
transmission line. The apparent higher loss at lower frequencies
on the lower capacitance units is strictly due to the capacitive
reactance of the capacitor.
Table 3 provides a list of the available MIS chip capacitors (by part
number) and the capacitance and chip dimensions for each one.
Performance
Tests on typical MIS capacitors at the L and S bands show
insertion loss to be 1/2 to 1/3 that of equivalent ceramic type
capacitors, without any of the associated resonance problems.
Power tests indicate that the only limitation is the actual
breakdown voltage of the device.
Figure 2 illustrates the use of MIS capacitors in a typical Single-
Pole, Double-Throw (SPDT) circuit.
Package Dimensions
Figure 3 provides a visual representation of the capacitor chip
sizes and part markings.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com