Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33888 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33888
Description  Quad High-Side and Octal Low-Side Switch for Automotive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33888 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33888 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33888
ELECTRICAL CONNECTIONS
STATIC ELECTRICAL CHARACTERISTICS
LOW-SIDE POWER OUTPUTS
Drain-to-Source ON Resistance (IOUT = 0.3 A)
TJ = 25°C
VPWR = 4.5 V; VDD = 3.5 V, 33888A Only
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
TJ = 150°C
VPWR = 4.5 V; VDD = 3.5 V, 33888A Only
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
8.0
1.0
0.7
0.6
8.0
1.8
1.1
0.9
Ω
Output Self-Limiting Current (Outputs Programmed ON, VOUT = 3.0 V)
Low-Side 4, 6, 8, 10
Low-Side 5, 7, 9, 11
ILIM
0.5
0.8
0.9
1.3
1.5
2.0
A
Output OFF Open Load Detection Current (19)
Output Programmed OFF, VOUT = 3.0 V
IOLDC
25
50
100
µA
Output Fault Detection Threshold (20)
Output Programmed OFF
VOFD(THRES)
2.0
3.0
4.0
V
Output Clamp Voltage
2.0 mA < IOUT < 200 mA, Outputs OFF
VCL
41
53
60
V
Low-Side Body Diode Voltage (I = -300 mA, TJ = 125°C)
VBD
0.5
0.7
0.9
V
Overtemperature Shutdown (Outputs OFF) (21)
TLIM
160
170
190
°C
Overtemperature Shutdown Hysteresis (21)
TLIM(HYS)
10
20
30
°C
Notes
19.
Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of
an open load condition when the specific output is commanded OFF.
20.
Output fault detection threshold with outputs programmed OFF. For the low-side outputs, fault detection thresholds are the same for
output open and battery shorts.
21.
Guaranteed by design. Not production tested.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ V
PWR ≤ 27 V, 4.5 V ≤ VDD ≤ 5.5 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com