Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD0506PTB2..GN Datasheet(PDF) 6 Page - Sunon Fans

Part # KD0506PTB2..GN
Description  DC Brushless Fan
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

KD0506PTB2..GN Datasheet(HTML) 6 Page - Sunon Fans

  KD0506PTB2..GN Datasheet HTML 1Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 2Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 3Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 4Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 5Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 6Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 7Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 8Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bearing
Sleeve
BALL
2BALL
Model
P/N
Rating
Voltage
(VDC)
Power
Current
(AMP)
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dBA)
Weight
(g)
13.(2)
13.(2)
13.(2)
13
13
13
1.6
1.3
1.0
1.7
1.4
1.1
0.13
0.11
0.08
0.14
0.12
0.09
39
37
33
38
35
30
70
70
70
70
70
70
39
35
31
36
33
29
3300
3000
2600
3200
2900
2500
12
12
12
12
12
12
0.19
0.17
0.14
0.18
0.16
0.12
80x80x20 mm
KD1208PKB1
KD1208PKB2
KD1208PKB3
KD1208PKS1
KD1208PKS2
KD1208PKS3
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
SUNON
Specifications subject to change without notice.
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
80x80x25 mm
12
12
12
12
12
12
13.(2)
13.(2)
13.(2)
13
13
13
0.15
0.12
0.09
0.16
0.13
0.10
1.8
1.4
1.1
1.9
1.6
1.2
3100
2800
2500
3000
2700
2300
41
37
33.1
40
36.5
31
0.19
0.16
0.13
0.18
0.15
0.11
35
32
28
33
31
26
80
80
80
80
80
80
KD1208PTB1
KD1208PTB2
KD1208PTB3
KD1208PTS1
KD1208PTS2
KD1208PTS3
Sunon General DC Brushless Fan
13.(2)
13.(2)
13.(2)
13
13
13
1.6
1.3
1.0
1.6
1.3
1.0
0.13
0.11
0.08
0.13
0.11
0.08
33.5
31
27
33
30
26
66
66
66
66
66
66
29
27
23.5
29
27
23.5
3200
2900
2600
3200
2900
2600
12
12
12
12
12
12
0.14
0.12
0.09
0.14
0.12
0.09
70x70x20 mm
KD1207PKB1
KD1207PKB2
KD1207PKB3
KD1207PKS1
KD1207PKS2
KD1207PKS3
70x70x25 mm
13.(2)
13.(2)
13.(2)
13
13
13
1.6
1.3
1.0
1.7
1.4
1.1
0.13
0.11
0.08
0.14
0.12
0.09
33
31
28
32
29
25
70
70
70
70
70
70
32.5
29.5
26
31
28
24
3400
3100
2700
3200
2900
2500
12
12
12
12
12
12
0.16
0.14
0.10
0.15
0.13
0.10
KD1207PTB1
KD1207PTB2
KD1207PTB3
KD1207PTS1
KD1207PTS2
KD1207PTS3
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
H
H
H
H
2.0
1.4
2.0
1.4
0.17
0.12
0.17
0.12
36
32
34
31.5
71
71
71
71
31
26
30
25
2900
2500
2800
2400
12
12
12
12
0.13
0.10
0.13
0.10
80x80x15 mm
KD1208PHB2
KD1208PHB3
KD1208PHS2
KD1208PHS3
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com