Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD0506PTB2..GN Datasheet(PDF) 8 Page - Sunon Fans

Part # KD0506PTB2..GN
Description  DC Brushless Fan
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

KD0506PTB2..GN Datasheet(HTML) 8 Page - Sunon Fans

  KD0506PTB2..GN Datasheet HTML 1Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 2Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 3Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 4Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 5Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 6Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 7Page - Sunon Fans KD0506PTB2..GN Datasheet HTML 8Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2004/02/29(105)
All rights reserved. SUNON is registered trademarks of SUNONWEALTH Electric Machine Industry Co., Ltd. '2004 SUNONWEALTH Electric Machine Industry Co., Ltd.
12
12
P
T
B
1
FAN SERIES
KD Series
KDE Series
VOLTAGE
05:5VDC
12:12VDC
24:24VDC
48:48VDC
FRAME SIZE
02:25mm
03:30mm
35:35mm
04:40mm
45:45mm
05:50mm
05:52mm
FRAME MATERIAL
P:PBT Plastic
A:Aluminum
A: Auto Restart
Blank:Without auto restart
MOTOR POLES
8: 8 Poles
6: 6 Poles
Blank: 4 Poles
SPEED
X:SUPER
1:HIGH
2:MIDDLE
BEARING SYSTEM
B:BALL
V:VAPO
S:SLEEVE
FRAME THICKNESS
E:6mm
D:8mm
U:9mm
F:10mm
G:12mm
H:15mm
K:20mm
3:LOW
4:EXTRA LOW
6
A
KD
DC Brushless Fan Model Numbering System
T:25mm
Q:28mm
N:30mm
L:32mm
Y:33mm
M:38mm
55:55mm
06:60mm
07:70mm
08:80mm
09:92mm
12:120mm
Motor model
Two ball bearing
Component/process upgraded
Low voltage start-up & open collector type
Big hub
New blade
Special circuit design
Different dimensions, particular process or supplementary component parts
3rd wire with frequency generation waveform(Only available for 8025/9225/12025/12038 Serie)
3rd wire with rotation detector waveform(Only available for 8025/9225/12025/12038 Series)
3rd wire square wave signal was not amplifed
3rd wire square with open collector type (only available for P/N: H&MS Series)
3rd wire square with open collector type
11/13
(2)
H
OC
G
V
BXX
CXX
F
R
M
TM
P/N
Example: KD1205PFB1 P/N:H.G
Headquarters: Sunonwealth Electric Machine Industry Co., Ltd.
TEL: +886-7-7163069(41 lines) FAX: +886-7-7163086
URL: http://www.sunon.com
Sunon Inc. (U.S.A.)
TEL : +1-714-255-0208 FAX :+ 1-714-255-0802
URL : http://www.sunonusa.com
Sunon SAS (Europe)
TEL : +33-1-46154515 FAX : +33-1-46154510
URL: http://www.sunoneurope.com
Sunon Corporation (Japan)
TEL : +81-3-5395-3069 FAX: +81-3-5395-3080
URL: http://www.sunon.co.jp
Sunonwealth Electric Machine Industry (HK) Ltd. (Hong Kong)
TEL :+ 852-24-111-388 FAX : +852-24-050-707
Sunon Technologies Pte Ltd. (Singapore)
TEL : +65-6795-0300
FAX :+65-6795-0600
Sunon Electronics (Kun Shan) Co.,Ltd. (Shanghai, China)
TEL : +86-512-57700108 FAX :+86-512-57711575
URL: http://www.sunon-ks.com.cn
Sunon China (Shen Zhen) Office (Guangzhou, China)
TEL : +86-755-26880688 FAX :+86-755-26880288
Worldwide Locations



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com