Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34923 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34923
Description  Full-Bridge PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34923 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34923 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34923 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
34923
13
APPLICATIONS
Current Sensing
To minimize inaccuracies in sensing the ITRIP current level,
which may be caused by ground trace IR drops, the sense
resistor should have an independent ground return to the
ground pin of the device. For low-value sense resistors, the IR
drops in the PCB sense resistor’s traces can be significant and
should be taken into account. The use of sockets should be
avoided because they can introduce variation in RS owing to
their contact resistance.
The maximum value of RS is given as RS ≤ 0.5/ITRIP.
Braking
The braking function is implemented by driving the device in
slow-decay mode via serial port bit D13, enabling synchronous
rectification via bit D12, and chopping with the combination of
D14 and the PWM/ENABLE input pin. Because it is possible to
drive current in either direction through the drivers, this
configuration effectively shorts out the motor-generated back
EMF (BEMF) as long as the PWM/ENABLE chop mode is
asserted. It is important to note that the internal PWM current-
control circuit will not limit the current when braking, because
the current does not flow through the sense resistor. The
maximum brake current can be approximated by VBEMF/RL.
Care should be taken to ensure that the maximum ratings of the
device are not exceeded in worst-case braking situations of
high-speed and high-inertial loads.
Thermal Protection
Circuitry turns off all drivers when the junction temperature
reaches 165°C typically. It is intended only to protect the device
from failures owing to excessive junction temperatures and
should not imply that output short circuits are permitted.
Thermal shutdown has a hysteresis of approximately 15°C.
Layout
The printed wiring board should use a heavy ground plane.
For optimum electrical and thermal performance (see following
Note), the driver should be soldered directly onto the board. The
ground side of RS should have an individual path to the ground
pins of the device. This path should be as short as is possible
physically and should not have any other components
connected to it. It is recommended that a 0.1
µF capacitor be
placed between SENSE and ground as close to the device as
possible; the load supply pin, VBB, should be decoupled with an
electrolytic capacitor (>47
µF is recommended) placed as close
to the device as is possible.
Note The thermal resistance and absolute maximum
allowable package power dissipation specified in the
MAXIMUM RATINGS table, page 4, is measured on typical
two-sided PCB with minimal copper ground area. For the
34923, RθJA can be reduced to 56°C/W with 3.57-in2 copper
ground area, as shown in Figure 3.
Figure 3. Package Dissipation Temperature Derating
TEMPERATURE (°C)
50
100
150
125
5
4
3
2
1
0
75
25
RθJA = 56°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com