Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA2260DR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA2260DR2
Description  짹1.5g X-Axis Micromachined Accelerometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2260DR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA2260DR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Sensors
Freescale Semiconductor
3
MMA2260D
Table 2. Operating Characteristics
(Unless otherwise noted: –40
°C ≤ TA ≤ +105°C, 4.75 ≤ VDD ≤ 5.25, Acceleration = 0g, Loaded output(1))
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k
Ω resistor and a 0.1 µF capacitor to ground.
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current
Operating Temperature Range
Acceleration Range
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits
the device may operate as a linear device but is not guaranteed to be in calibration.
VDD
IDD
TA
gFS
4.75
1.1
–40
–
5.00
2.2
–
1.5
5.25
3.2
+105
–
V
mA
°C
g
Output Signal
Zero g (VDD = 5.0 V)(4)
Sensitivity (TA = 25°C, VDD = 5.0 V)(5)
Sensitivity (VDD = 5.0 V)(5)
Bandwidth Response
Nonlinearity
4. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the
output will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2.
5. Sensitivity limits apply to 0 Hz acceleration.
VOFF
S
S
f–3dB
NLOUT
2.3
1140
1110
40
–1.0
2.5
1200
1200
50
–
2.7
1260
1290
60
+1.0
V
mV/g
mV/g
Hz
% FSO
Noise
RMS (0.1 Hz – 1.0 kHz)
Spectral Density (RMS, 0.1 Hz – 1.0 kHz)(6)
6. At clock frequency
≅ 34 kHz.
nRMS
nSD
–
–
3.5
350
–
–
mVrms
µg/√Hz
Self-Test
Output Response (VDD = 5.0 V)
Input Low
Input High
Input Loading(7)
Response Time(8)
7. The digital input pin has an internal pull-down current source to prevent inadvertent self test initiation due to external board level leakages.
8. Time for the output to reach 90% of its final value after a self-test is initiated.
∆VST
VIL
VIH
IIN
tST
0.3
VSS
0.7 VDD
–50
–
0.4
–
–
–125
20
0.5
0.3 VDD
VDD
–300
25
V
V
V
µA
ms
Status(9)(10)
Output Low (Iload = 100 µA)
Output High (Iload = –100 µA)
9. The Status pin output is not valid following power-up until at least one rising edge has been applied to the self-test pin. The Status pin is
high whenever the self-test input is high.
10. The Status pin output latches high if the EPROM parity changes to odd. The Status pin can be reset by a rising edge on self-test, unless a
fault condition continues to exist.
VOL
VOH
–
VDD –0.8
–
–
0.4
–
V
V
Output Stage Performance
Electrical Saturation Recovery Time(11)
Full Scale Output Range (IOUT = –200 µA)
Capacitive Load Drive(12)
Output Impedance
11. Time for amplifiers to recover after an acceleration signal causes them to saturate.
12. Preserves phase margin (60
°) to guarantee output amplifier stability.
tDELAY
VFSO
CL
ZO
–
VSS+0.25
–
–
–
–
–
50
2.0
VDD–0.25
100
–
ms
V
pF
Ω
Mechanical Characteristics
Transverse Sensitivity(13)
13. A measure of the device's ability to reject an acceleration applied 90
° from the true axis of sensitivity.
VYX,ZX
––
5.0
% FSO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com