Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA2260DR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA2260DR2
Description  짹1.5g X-Axis Micromachined Accelerometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2260DR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA2260DR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2260DR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: MMA2260D
Rev 3, 03/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
±1.5g X-Axis Micromachined
Accelerometer
The MMA series of silicon capacitive, micromachined accelerometers feature
signal conditioning, a 2-pole low pass filter and temperature compensation. Zero-
g offset full scale span and filter cut-off are factory set and require no external
devices. A full system self-test capability verifies system functionality.
Features
•
Integral Signal Conditioning
•
High Sensitivity
•
Linear Output
•
2nd Order Bessel Filter
•
Calibrated Self-test
•
EPROM Parity Check Status
•
Transducer Hermetically Sealed at Wafer Level for Superior Reliability
•
Robust Design, High Shock Survivability
Typical Applications
•
Tilt Monitoring
•
Inclinometers
•
Appliance Control
•
Mechanical Bearing Monitoring
•
Vibration Monitoring and Recording
•
Sports Diagnostic Devices and Systems
•
Trailer Brake Controls
•
Automotive Aftermarket
ORDERING INFORMATION
Device
Temperature Range
Case No.
Package
MMA2260D
–40 to +105
°C
475-01
SOIC-16
MMA2260DR2
–40 to +105
°C
475-01
SOIC-16, Tape & Reel
MMA2260EG
–40 to +105
°C
475-01
SOIC-16
MMA2260EGR2
–40 to +105
°C
475-01
SOIC-16, Tape & Reel
MMA2260
MMA2260D: X AXIS SENSITIVITY
MICROMACHINED
ACCELEROMETER
±1.5g
D SUFFIX
EG SUFFIX (Pb-FREE)
16-LEAD SOIC
CASE 475-01
Figure 1. Simplified Accelerometer Functional Block Diagram
VSS
VSS
VSS
VOUT
STATUS
VDD
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 2. Pin Connections
G-Cell
Sensor
Integrator
Gain
Filter
Temp Comp
and Gain
Self-test
Control Logic &
EPROM Trim Circuits
Clock
Generator
Oscillator
VDD
VOUT
VSS
ST
STATUS


Similar Part No. - MMA2260DR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA2260DR2 MOTOROLA-MMA2260DR2 Datasheet
312Kb / 8P
1.5g X-Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260DR2 NXP-MMA2260DR2 Datasheet
305Kb / 9P
짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
More results

Similar Description - MMA2260DR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
짹1.5g Dual Axis Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA7260QT FREESCALE-MMA7260QT Datasheet
284Kb / 11P
짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
짹1.5g Dual Axis Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
KIT3376MMA7361L FREESCALE-KIT3376MMA7361L Datasheet
176Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260D NXP-MMA2260D Datasheet
305Kb / 9P
짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com