Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA3201 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA3201
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3201 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA3201 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Sensors
6
Freescale Semiconductor
MMA3201D
N/C
N/C
N/C
N/C
ST
XOUT
STATUS
VSS
VDD
AVDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
YOUT
+Y
–X
+X
Direction of Earth’s gravity field.*
* When positioned as shown, the Earth’s gravity will result in a positive 1g output in the X channel.
Front View
Side View
Top View
Static Acceleration Sensing Direction
Dynamic Acceleration Sensing Direction
Acceleration of the
package in the +X and
+Y direction (center plates
move in the -X and -Y
direction) will result in an
increase in the X and Y
outputs.
20-Pin SOIC Package
N/C pins are recommended to be left FLOATING
11 12 13 14 1516 17 18 19 20
10 9
8 7 6 5 4 3 2 1
Activation of Self test moves
the center plates in the -X
and -Y direction, resulting in
an increase in the X and Y
outputs.
–Y



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com