Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA3201 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA3201
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3201 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA3201 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3201 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MMA3201D
Rev 4, 03/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Surface Mount
Micromachined Accelerometer
The MMA3200 series of dual axis (X and Y) silicon capacitive, micromachined
accelerometers features signal conditioning, a 4-pole low pass filter and
temperature compensation, and separate outputs for the two axes. Zero-g offset
full scale span and filter cut-off are factory set and require no external devices. A
full system self-test capability verifies system functionality.
Features
•
Sensitivity in two separate axes: 40g X-axis and 40g Y-axis
•
Integral Signal Conditioning
•
Linear Output
•
Ratiometric Performance
•
4th Order Bessel Filter Preserves Pulse Shape Integrity
•
Calibrated Self-test
•
Low Voltage Detect, Clock Monitor, and EPROM Parity Check Status
•
Transducer Hermetically Sealed at Wafer Level for Superior Reliability
•
Robust Design, High Shocks Survivability
Typical Applications
•
Vibration Monitoring and Recording
•
Impact Monitoring
•
Appliance Control
•
Mechanical Bearing Monitoring
•
Computer Hard Drive Protection
•
Computer Mouse and Joysticks
•
Virtual Reality Input Devices
•
Sports Diagnostic Devices and Systems
ORDERING INFORMATION
Device Name
Temperature Range
Case No,
Package
MMA3201D
–40 to +125°C
475A-01
SOIC-20
MMA3201DR2
–40 to +125°C
475A-01
SOIC-20, Tape & Reel
MMA3201EG
–40 to +125°C
475A-01
SOIC-20
MMA3201EGR2
–40 to +125°C
475A-01
SOIC-20, Tape & Reel
MMA3201
MMA3201D: X-Y AXIS SENSITIVITY
MICROMACHINED
ACCELEROMETER
±40g
D SUFFIX
EG SUFFIX (Pb-FREE)
20-LEAD SOIC
CASE 475A-01
G-Cell
Sensor
Integrator
Gain
Filter
Temp
Comp
Self-test
Control Logic &
EPROM Trim Circuits
Clock
Generator
Oscillator
VDD
VOUT
VSS
ST
STATUS
Figure 1. Simplified Accelerometer Functional Block Diagram
Figure 2. Pin Connections
N/C
N/C
N/C
N/C
ST
XOUT
STATUS
VSS
VDD
AVDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
YOUT


Similar Part No. - MMA3201

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA3201D MOTOROLA-MMA3201D Datasheet
172Kb / 8P
Surface Mount Micromachined Accelerometer
MMA3201D MOTOROLA-MMA3201D Datasheet
6Mb / 670P
Sensor
MMA3201DR2 MOTOROLA-MMA3201DR2 Datasheet
172Kb / 8P
Surface Mount Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA3201EG FREESCALE-MMA3201EG Datasheet
149Kb / 10P
Surface Mount Micromachined Accelerometer
MMA3201EG FREESCALE-MMA3201EG Datasheet
117Kb / 11P
Surface Mount Micromachined Accelerometer
More results

Similar Description - MMA3201

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA3202D FREESCALE-MMA3202D Datasheet
221Kb / 12P
Surface Mount Micromachined Accelerometer
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
Surface Mount Micromachined Accelerometer
MMA1211 FREESCALE-MMA1211 Datasheet
288Kb / 10P
Surface Mount Micromachined Accelerometer
MMA1213 FREESCALE-MMA1213 Datasheet
288Kb / 10P
Surface Mount Micromachined Accelerometer
MMA2300 FREESCALE-MMA2300 Datasheet
276Kb / 10P
Surface Mount Micromachined Accelerometer
MMA3201KEG-12 FREESCALE-MMA3201KEG-12 Datasheet
117Kb / 11P
Surface Mount Micromachined Accelerometer
MMA3221KEG FREESCALE-MMA3221KEG Datasheet
139Kb / 11P
Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com