Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA3202D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA3202D
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3202D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA3202D Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Sensors
Freescale Semiconductor
5
MMA3202D
BASIC CONNECTIONS
PINOUT DESCRIPTION
Figure 4. SOIC Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 5. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTE:
•
Use a 0.1 µF capacitor on VDD to decouple the power
source.
•
Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
•
Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to all
of the open ended terminals shown in Figure 5.
•
Use an RC filter of 1 kΩ and 0.01 µF on the output of the
accelerometer to minimize clock noise (from the switched
capacitor filter circuit).
•
PCB layout of power and ground should not couple power
supply noise.
•
Accelerometer and microcontroller should not be a high
current path.
•
A/D sampling rate and any external power supply
switching frequency should be selected such that they do
not interfere with the internal accelerometer sampling
frequency. This will prevent aliasing errors.
Table 3. Pin Descriptions
Pin No.
Pin Name
Description
1 thru 3
—
Leave unconnected.
4
—
No internal connection. Leave
unconnected.
5
ST
Logic input pin used to initiate self-test.
6
XOUT
Output voltage of the accelerometer. X
Direction.
7
STATUS
Logic output pin to indicate fault.
8
VSS
The power supply ground.
9
VDD
The power supply input.
10
AVDD
Power supply input (Analog).
11
YOUT
Output voltage of the accelerometer. Y
Direction.
12 thru 16
—
Used for factory trim. Leave
unconnected.
17 thru 19
—
No internal connection. Leave
unconnected.
20
GND
Ground.
14
15
16
17
18
19
20
8
7
6
5
4
3
2
1
13
N/C
ST
XOUT
STATUS
VDD
GND
N/C
N/C
N/C
N/C
N/C
N/C
12
10
9
11
VSS
AVDD
N/C
YOUT
N/C
N/C
N/C
N/C
10
XOUT
YOUT
MMA3202D
ST
VDD
VSS
R1
1 kΩ
C2
0.01 µF
5
9
8
Logic
Input
VDD
C1
0.1 µF
7
6
C3
0.01 µF
R2
1 kΩ
AVDD
11
Status
X Output
Signal
Y Output
Signal
P0
A/D In
VRH
VSS
VDD
ST
YOUT
VSS
VDD
0.01 µF
C
1 kΩ
0.1 µF
0.1 µF
Power Supply
C
R
C
0.1 µF
P1
STATUS
A/D In
XOUT
R
0.01 µF
C
1 kΩ
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com