Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA3202D Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA3202D
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3202D Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA3202D Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA3202D Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Sensors
6
Freescale Semiconductor
MMA3202D
Dynamic Acceleration Sensing Direction
Static Acceleration Sensing Direction
−X
14
15
16
17
18
19
20
8
7
6
5
4
3
2
1
13
N/C
N/C
N/C
ST
XOUT
STATUS
VDD
GND
N/C
N/C
N/C
N/C
N/C
N/C
N/C
12
10
9
11
VSS
AVDD
N/C
YOUT
N/C
+Y
+X
Top View
20-Pin SOIC Package
N/C pins are recommended to be left FLOATING
−Y
Acceleration of the package
in the +X and +Y direction
(center plates move in the −X
and −Y direction) will result in
an increase in the X and Y
outputs.
Activation of Self test moves the
center plates in the −X and −Y
direction, resulting in an increase
in the X and Y outputs.
11 12 13 14 15 16 17 18 19 20
10 9 8 7 6 5 4 3 2 1
Direction of Earth’s gravity field.*
* When positioned as shown, the Earth’s gravity will result in a positive 1g output in the X channel.
Front View
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com