Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCFU950 Datasheet(PDF) 13 Page - Oxford Semiconductor

Part # OXCFU950
Description  USB/UART multi-function 16-bit PC Card device
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCFU950 Datasheet(HTML) 13 Page - Oxford Semiconductor

Back Button OXCFU950 Datasheet HTML 9Page - Oxford Semiconductor OXCFU950 Datasheet HTML 10Page - Oxford Semiconductor OXCFU950 Datasheet HTML 11Page - Oxford Semiconductor OXCFU950 Datasheet HTML 12Page - Oxford Semiconductor OXCFU950 Datasheet HTML 13Page - Oxford Semiconductor OXCFU950 Datasheet HTML 14Page - Oxford Semiconductor OXCFU950 Datasheet HTML 15Page - Oxford Semiconductor OXCFU950 Datasheet HTML 16Page - Oxford Semiconductor OXCFU950 Datasheet HTML 17Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
DS-0023 February 2007
External—Free Release
Page 13 of 74
OXCFU950 DATA SHEET
OXFORD SEMICONDUCTOR, INC.
symbol
description
values
t
Pad type
I—input pad
O—output pad
T—Tri-state output pad
B—Bidirectional pad
A—Analogue pad
P—Power pad
a
Logic type
C—cmos
T—TTL
xy
Operating voltage
33—3V3
18—1V8
00—0 V (i.e. VSS Ground)
h
Tolerant input voltage level
5—5 V
N—same as operating voltage
i
Input type
N—normal
S—Schmitt
d
Output drive strength
1—x1 drive strength
2—x2 drive strength
3—x3 drive strength
p
Pull up/down resistor
U—pull up resistor
D—pull down resistor
Table 3: Pad Type Syntax Symbol Descriptions
Note 2 : PC Card/CompactFlash Power Domain Group
•
This group of signals is in the PC Card/CompactFlash power domain group.
•
Supply voltage range is specified from 2.85 V to 3.6 V.
•
This is also the internally connected supply to the internal regulator. Hence pin #28 should be connected to the PC
Card/CompactFlash supply source.
Note 3 : Modem Power Domain Group
•
This group of I/O signals is in the MODEM power domain group.
•
Supply voltage range is specified from 1.8 V to 3.6 V.
Note 4 : Analogue Power Domain Group
•
This group of I/O signals is in the analogue power domain group (which supplies the oscillator and PLL).
Note 5 : USB Power Domain Group
•
This group signals is in the USB power domain group.
•
Supply voltage range is specified from 2.85 V to 3.6 V.
4.1
Power Supply Filtering
4.1.1
PLL Supply De-Coupling
The low frequency noise at the Vdd and Gnd supplies is automatically corrected by the PLL control loop. However, where noise
frequency exceeds the loop bandwidth (60 to 100kHz) the noise is partially converted into clock jitter.
The conversion of supply noise into long-term clock jitter is important above 700 kHz. Oxford Semiconductor recommends you to
filter Vdd in this range efficiently.
For full-speed USB applications, where the jitter must not exceed 0.5 ns peak for a time duration approximately 1.2 µs, Oxford
Semiconductor recommends you to ensure that the noise level above 700kHz is lower than 7mV rms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com