Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OXCFU950 Datasheet(PDF) 21 Page - Oxford Semiconductor

Part # OXCFU950
Description  USB/UART multi-function 16-bit PC Card device
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCFU950 Datasheet(HTML) 21 Page - Oxford Semiconductor

Back Button OXCFU950 Datasheet HTML 17Page - Oxford Semiconductor OXCFU950 Datasheet HTML 18Page - Oxford Semiconductor OXCFU950 Datasheet HTML 19Page - Oxford Semiconductor OXCFU950 Datasheet HTML 20Page - Oxford Semiconductor OXCFU950 Datasheet HTML 21Page - Oxford Semiconductor OXCFU950 Datasheet HTML 22Page - Oxford Semiconductor OXCFU950 Datasheet HTML 23Page - Oxford Semiconductor OXCFU950 Datasheet HTML 24Page - Oxford Semiconductor OXCFU950 Datasheet HTML 25Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
DS-0023 February 2007
External—Free Release
Page 21 of 74
OXCFU950 DATA SHEET
OXFORD SEMICONDUCTOR, INC.
0x1C
Alternate UART I/O Base 0 Register
Read/Write
Bits
Description
EEPROM
Host
Access
Reset
7:0
Alternate UART I/O base address bits 7:0
W
R/W
00000000
0x1D
Alternate UART I/O Base 1 Register
Read/Write
Bits
Description
EEPROM
Host
Access
Reset
7:3
Alternate UART I/O base address bits 15:11
-
R
00000
2:0
Alternate UART I/O base address bits 10:8
W
R/W
000
0x1E
Alternate USB I/O Base 0 Register
Read/Write
Bits
Description
EEPROM
Host
Access
Reset
7:0
Alternate USB I/O base address bits 7:0
W
R/W
00000000
0x1F
Alternate USB I/O Base 1 Register
Read/Write
Bits
Description
EEPROM
Host
Access
Reset
7:3
Alternate USB I/O base address bits 15:11
-
R
00000
2:0
Alternate USB I/O base address bits 10:8
W
R/W
000
0x20 to
0x40
USB Host Controller
Notes
See Section 7 for details of the USB host controller register map.
6.6
PC Card/CompactFlash Interrupt
6.6.1
Interrupt Generation
PCMCIA 16-bit PC Cards and CompactFlash/CF+ cards
support pulse or level type interrupt signals to request
interrupt service from the host system. The CIS of the card
specifies whether pulse, level or both types of interrupt can
be generated. When the host has read the CIS, it can set
the LevlReq field in the Configuration Options Register
(COR) for each function, to tell the card which type of
interrupts should be generated.
The OXCFU950 can generate either type of interrupt.
However, to reduce power consumption, the default CIS
states that only level type interrupts can be generated. A
custom CIS can be constructed to direct the card to
generate pulse type interrupts if required, by using
appropriate EEPROM values.
The OXCFU950 uses a clock divider circuit clocked at
12 MHz to generate pulse type interrupts. The generated
pulse is guaranteed to be greater than the minimum length
of 0.5
μs as defined in the PCMCIA standard.
6.6.2
Interrupt Sources
The OXCFU950 has six possible interrupt sources: the
UART function, the USB host controller function and the
four multi-purpose I/O (MIO) pins, which can be configured
as interrupts using the MIO configuration register (MIO
[3:0]) and the interrupt status and control register (ISR)
The OXCFU950 is a multi-function device with two
functions, the UART function (function 0) and the USB host
controller function (function 1). Interrupts generated by MIO
[3:0] are mapped to UART function 0 so that any MIO
enabled interrupt sets the Intr bit to ‘1’ in the UART CSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com