Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CECS035V0-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CECS035V0-G
Description  Bidirectional ESD / Transient Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CECS035V0-G Datasheet(HTML) 1 Page - Comchip Technology

  CECS035V0-G Datasheet HTML 1Page - Comchip Technology CECS035V0-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bidirectional ESD / Transient Suppressor
CE Series -G (RoHS Device)
(16kV) IEC 61000-4-2 rating
Surface mount package
High component density
ESD suppression
Transient suppression
Automotive CAN Bus
Applications
Schematic
Application Schematic
Specifications (Ta = 25oC)
Features
Connector
Gnd.
Transceiver
-VBD
0V
+VBD
CEA – ( SOT23-3)
CEB – ( SOT23-6)
CEC – ( SOT23-6)
CED – ( SOT23-5)
3
1
2
3
1
2
4
6
5
3
1
4
6
5
2
3
1
2
4
5
Vp (Transient)
Vclamp
0 v
SOT23-6
SOT23-5
SOT-23-3
Symbol
Characteristic
Min.
Max.
Units
To
Operation Temperature Range
-55
+125
oC
3
1
4
1
CE
G – (SOT-143)
2


Similar Part No. - CECS035V0-G

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CECS20N65LN CET-MOS-CECS20N65LN Datasheet
500Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2019.Sep
CECS20N65SA CET-MOS-CECS20N65SA Datasheet
633Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2020.Feb
logo
Clarke International
CECS405C CLARKE-CECS405C Datasheet
1Mb / 8P
MANUAL LOG SPLITTER
DL1020 ISS 1
CECS405D CLARKE-CECS405D Datasheet
3Mb / 44P
ELECTRIC CHAINSAW
DL0124 Rev 1
More results

Similar Description - CECS035V0-G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA408B PHILIPS-BZA408B Datasheet
74Kb / 12P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
EIC discrete Semiconduc...
BZW06-5V8B EIC-BZW06-5V8B Datasheet
49Kb / 4P
BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Comchip Technology
CLCS145V0-G COMCHIP-CLCS145V0-G Datasheet
52Kb / 1P
Low Capacitance Bidirectional ESD / Transient Suppressor
CPD1E36V COMCHIP-CPD1E36V Datasheet
102Kb / 2P
Bidirectional ESD / Transient Suppressor
logo
NXP Semiconductors
BZA408B NXP-BZA408B Datasheet
136Kb / 9P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
New Jersey Semi-Conduct...
1N6052 NJSEMI-1N6052 Datasheet
74Kb / 1P
BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6054A NJSEMI-1N6054A Datasheet
88Kb / 1P
BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6058A NJSEMI-1N6058A Datasheet
85Kb / 1P
BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
NXP Semiconductors
BZA408B PHILIPS-BZA408B_15 Datasheet
136Kb / 9P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
Nexperia B.V. All right...
BZA408B NEXPERIA-BZA408B Datasheet
306Kb / 10P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com