Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CECS035V0-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CECS035V0-G
Description  Bidirectional ESD / Transient Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CECS035V0-G Datasheet(HTML) 2 Page - Comchip Technology

  CECS035V0-G Datasheet HTML 1Page - Comchip Technology CECS035V0-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bidrectional ESD / Transient Suppressor
Specifications:( Ta = 25
oC )
36V Characteristic PRELIMINARY
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
38
40
V
IF = 1 ma
IL
Leakage current
0.1
2.0
uA
36v
CT
Capacitance
5
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 40
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
15
A
8 / 20 us
24V Characteristic (CAN bus)
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
25
28
V
IF = 1 ma
IL
Leakage current
0.1
2.0
uA
24v
CT
Capacitance
10
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 25
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
15
A
8 / 20 us
12V Characteristic PRELIMINARY
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
14
17
V
IF = 1 ma
IL
Leakage current
0.1
2.0
uA
12v
CT
Capacitance
12
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 17
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
15
A
8 / 20 us
5V0 Characteristic
Symbol
Characteristic
Min
Typ
Max
Units
Test Condition
VBD
Diode breakdown voltage
5.1
7.0
V
IF = 1 ma
IL
Leakage current
+0.1
+ 2.0
uA
5v
CT
Capacitance
15
20
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 7.0
V
8kV event
VPV
Peak ESD voltage capability
16
kV
IEC 61000-4-2
Ipp *
Peak Pulse Current
5.1
A
8 / 20 us
* one diode conducting
Package Information:
W
L
P
S03
d
W
L
p
S06
d
W
L
p
S14
d
W
L
p
S05
d
P
Dimensions in ( mm ):
Code
Power
Pins
L + 0.2
W + 0.2
p + 0.1
P + 0.1
Pkg. Height
d + 0.1
S03
225 mw
3
2.90
2.30
-
-
1.90
1.0
0.43
S05
225 mw
5
2.90
2.80
0.95
1.90
1.90
1.0
0.43
S06
S14
225 mw
225 mw
6
4
2.90
2.90
2.80
2.80
0.95
-
1.0
1.0
0.43
0.43
Ordering Information:
S03
5V0
-G
Package Code
Voltage
RoHS Compliant
From table above
5V0 / 12V
12V / 24V
CEA
Type
CEA
CEB
CEC
CED
CEG
0.7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com